Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

809-191 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 809-191
Description  Series 811 Mighty Mouse High Density (HD) Rubber Protective Covers 809-190 and 809-191
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-191 Datasheet(HTML) 1 Page - Glenair, Inc.

  809-191 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
22
Dimensions in Inches (millimeters) are subject to change without notice.
© 2011 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
These splashproof molded rubber covers
fit all Series 811 plugs and receptacles.
Braided black nylon lanyard is available
with metal rings, cable tie or slipknot for
attachment to panel or to cable. -400 to
+1200 C operating temperature, fungus
resistant per MIL-STD-810G Method 508.6.
Series 811 Mighty Mouse High Density (HD)
Rubber Protective Covers
809-190 and 809-191
HoW To oRDER
Sample Part Number
809-191
- 05
G
6
- SCS
C
Series
Shell
Size
Lanyard
Type
Lanyard
Length
Attachment Code
Conductive
Rubber
MASTER
KEYWAY
ø A
809-190
Protective Cover for
use with Series 811
Receptacles
809-191
Protective Cover for
use with Series 811
Plugs
-05
-06
-07
-08
-09
-G
Nylon Rope
(Omit for no
lanyard)
Length in
Inches
-WS
Nylon Cable Tie, 1.77 Inch (45mm) Maximum Wire
Bundle Diameter
Omit for
Standard
Neoprene
C
Conductive
Rubber
-SCS
Adjustable Slip Knot with Crimp Sleeve. The sleeve
can be crimped with pliers for a permanent attachment.
-00
Lanyard With No Attachment (Fused End)
Lug Terminals and Rings
Lug Terminal
-01 – .126 (3.20) I.D.
-02 – .145 (3.68) I.D.
-06 – .188 (4.78) I.D.
-07 – .197 (5.00) I.D.
Solid Ring
-08 – .385 (9.78) I.D.
-09 – .445 (11.30) I.D.
-10 – .516 (13.11) I.D.
-11 – .570 (14.48) I.D.
-12 – .583 (14.81) I.D.
-13 – .635 (16.13) I.D.
-14 – .695 (17.65) I.D.
-15 – .776 (19.71) I.D.
-16 – .885 (22.48) I.D.
-17 – .896 (25.76) I.D.
-18 – 1.015 (25.78) I.D.
-19 – 1.070 (27.18) I.D.
-20 – 1.135 (28.83) I.D.
-21 – 1.141 (28.98) I.D.
Materials
Cover
Neoprene rubber
blend, black
Lanyard
.062" (1.57) diameter
nylon cord, black
Cable Tie
6/6 nylon, black, SST
locking tab
Ring
Stainless steel, black
zinc-cobalt finish
Crimp Sleeve Copper Alloy, black
zinc-cobalt finish


Similar Part No. - 809-191

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
809-190 GLENAIR-809-190 Datasheet
293Kb / 2P
Series 811 Mighty Mouse High Density (HD) Rubber Protective Cover Dimensions and Attachments 809-190 and 809-191
809-190 GLENAIR-809-190_15 Datasheet
227Kb / 1P
Mighty Mouse and Series 811 High Density
809-198 GLENAIR-809-198 Datasheet
194Kb / 1P
Push-Pull Mighty Mouse
809-199 GLENAIR-809-199 Datasheet
204Kb / 1P
Mounting Flange with Standard or Metric Threads
More results

Similar Description - 809-191

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
809-190 GLENAIR-809-190 Datasheet
293Kb / 2P
Series 811 Mighty Mouse High Density (HD) Rubber Protective Cover Dimensions and Attachments 809-190 and 809-191
809S060 GLENAIR-809S060 Datasheet
418Kb / 4P
Series 811 Mighty Mouse High Density (HD) Shrink Boots 809S060 and 809A060
811-001-06 GLENAIR-811-001-06 Datasheet
319Kb / 1P
Series 811 Mighty Mouse High Density (HD) Pre-Wired Plug Connectors 811-001-06
811-003-01 GLENAIR-811-003-01 Datasheet
230Kb / 1P
Series 811 Mighty Mouse High Density (HD) Pre-Wired In-Line Receptacle Connectors 811-003-01
811-003-02 GLENAIR-811-003-02 Datasheet
233Kb / 1P
Series 811 Mighty Mouse High Density (HD) Pre-Wired Square Flange Receptacle Connectors 811-003-02 and 811-004-02
811-003-07 GLENAIR-811-003-07 Datasheet
255Kb / 1P
Series 811 Mighty Mouse High Density (HD) Pre-Wired Jam Nut Receptacle Connectors 811-003-07 and 811-004-07
811-005 GLENAIR-811-005 Datasheet
849Kb / 1P
Series 811 Mighty Mouse High Density (HD) PCB Receptacle Connector Hole Patterns 811-005 and 811-006
811-005-02 GLENAIR-811-005-02 Datasheet
245Kb / 1P
Series 811 Mighty Mouse High Density (HD) Square Flange PCB Receptacle Connectors 811-005-02 and 811-006-02 With Straight PC Tails
811-007 GLENAIR-811-007 Datasheet
354Kb / 2P
Series 811 Mighty Mouse High Density (HD) Harsh Environment Cordsets
809-190 GLENAIR-809-190_15 Datasheet
227Kb / 1P
Mighty Mouse and Series 811 High Density
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com