Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM12021 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM12021
Description  GaAs MMIC Low Noise Amplifier SOIC-8 Platform
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM12021 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MAAM12021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM12021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM12021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM12021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM12021 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM12021 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM12021 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
GaAs MMIC Low Noise Amplifier SOIC-8 Platform
Rev. V3
Application Note
M540
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
7
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Conclusion
This application note was written to show the user how to
achieve the performance in the product data sheets, i.e.,
how to “get what we get.”
Hopefully, this note has
answered some commonly asked questions and
expanded on the data sheet information to show some
interesting properties of the MMIC LNAs for not only the
intended applications of the products but also other
applications not immediately obvious from the data
sheet.
Please feel free to contact your local sales support
center telephoning:
North America
Telephone:
1-800-366-2266
Fax:
1-800-618-8883
Europe
Telephone:
+44 (1344) 869 595
Fax:
+44 (1344) 300 020
Asia/Pacific
Telephone:
+81 (03) 3226 1671
Glossary
.dxf
Drawing Interchange File: a standard
format for graphics software
AMPS
Advanced Mobile Phone Service: an
800-MHz analog cellular system
ASCII
American Standard Code for
Information Interchange
DCS-1800
Digital Communication System: an
1800-MHz mobile cordless system
DECT
Digital European Cordless
Telecommunications: a 1900 MHz
system
DOS
Disk Operating System
ESD, class 1
Electrostatic Discharge: class 1 ranges
from 250 to 2000 volts
FET
Field Effect Transistor
FIT
Failures In Time: a figure of merit for
reliability
Fmin
Minimum Noise Figure
FR4
An epoxy fiberglass dielectric material
used for printed circuit boards
f
T
Frequency at which current gain
equals unity: a figure of merit for field
effect
transistors
GaAs
Gallium Arsenide
Gmax
Maximum Available Gai
GPS
Global Positioning System
GSM
Global System for Mobile
Communications: a 900 MHz digital
cellular system
IC
Integrated Circuit
IP3
Third Order Intercept Point: a figure
of merit for intermodulation distortion
performance
IR
Infrared
ISM
Industrial, Scientific, and Medical: 900
MHz, 2.4 & 5.8 GHz spread spectrum
applications
ISO-9001
International Standards Organization
Quality Specification 9001
JDC
Japanese Digital Cellular - now known
as PDC (Personal Digital Cellular)
JEDEC
Joint Electron Device Engineering
Council
L1
Global Positioning System band
centered at 1.575 GHz
L2
Global Positioning System band
centered at 1.227 GHz
LNA
Low Noise Amplifier
LO
Local Oscillator
MESFET
Metal Semiconductor Field Effect
Transistor
MIM
Metal-Insulator-Metal
MLC
Multilayer Capacitor
MMIC
Microwave Monolithic Integrated Circuit
MNS
Metal-Nitride-Semiconductor
PCB
Printed Circuit Board
PCN
Personal Communications Network
PCS
Personal Communications Service
PDC
Personal Digital Cellular: 900 and
1500 MHz systems
PHS
Personal Handy-phone Service: a
1900 MHz digital cordless system
RF
Radio Frequency
SOIC-8
Small Outline Integrated Circuit 8-Lead
Plastic Package
SPC
Statistical Process Control
TACS
Total Access Communications
a 900 MHz analog cellular system
WLAN
Wireless Local Area Network



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com