Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M567 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M567
Description  CR-15 Package Handling and Mounting Procedure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M567 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M567 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M567 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CR-15 Package Handling and Mounting Procedure
Rev. V5
Application Note
M567
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Introduction
The CR-15 is a high frequency, low thermal resistance
package, which should be given special attention during
cavity design and package mounting, to insure proper
electrical and thermal performance.
The package
consists of a co-fired ceramic construction with a copper-
tungsten base and iron-nickel-cobalt leads. The finish
consists of electrolytic gold over nickel plate.
After component installation, the package is hermetically
sealed using a ceramic lid and an 80/20 gold/tin eutectic
solder. This bolt down style package provides a robust
interface between a highly integrated GaAs MMIC device
and a circuit board which may be assembled using
conventional surface mount techniques.
The CR-15 has successfully completed a rigorous in-
house package qualification program, which exceeds the
requirements of industry guidelines for package element
evaluation.
Mounting Cavity Design
For a PC board thickness of 0.010 inches or greater, the
mounting cavity dimensions should be 0.324 x 0.708
inches with a tolerance of ± 0.002 inches. The PC board
cutout dimensions should be 0.336 x 0.708 inches with a
tolerance of ± 0.002 inches regardless of board thickness.
Consistent device location with respect to the circuit
board is important in order to achieve repeatable
performance. This can be accomplished by integration
techniques which minimize variations in device location
within the cavity.
Peeling stresses exerted on the package lead to ceramic
joint of the package, should be avoided. Damage to the
package lead attach area is typically caused by mounting
the device into an excessively deep cavity. The cavity
depth should be designed so that the package leads are
nominally 0.004” above the circuit board.
This
relationship of the lead to circuit board height will be
affected by several factors, including the circuit board and
metalization thicknesses, the circuit board attachment
method, and the thickness of any shim material used
under the package.
Mounting Surface Concerns
Surface discontinuities or flatness steps in the mounting
surface should be avoided.
Typical causes for these
deformities are variations in machining depth, inadequate
casting finish or foreign particles on the surface. It is
highly recommended that the CR-15 cavity floor be milled
to a flatness of 0.0005 inches maximum, and a surface
finish of 32 micro-inches maximum, using a single tool
path. Any abrupt changes in the cavity floor flatness may
cause catastrophic or latent damage to the device,
voiding the manufacturer’s warranty.
A thin shim made of a ductile material may be used prior
to installation of the CR-15, if desired, to improve the
thermal performance of the package to housing interface.
The shim material should be selected so as to preclude
any dissimilar metal interaction. A gold plated copper
shim of 0.001 inch thickness is recommended for outdoor
environments, while a 0.001 inch thickness is aluminum
shim is a lower cost option suitable for more protected
environments. The shim should be dimensioned to match
those of the CR-15 base to insure that the shim rests in
the cavity floor without binding. A shim that has been
manufactured or installed improperly may prevent the CR-
15 package from fully seating into the cavity floor.
The use of thermally conductive grease is not
recommended.
CERAMIC
BASE PLATE
4X .06 X 45°
CHAMFER
6
5
4
3
2
1
7
8
9
10
.010 SQ.
ORIENTATION TAB
2X o .096 THRU
o.004 M A B C
.090 MAX
.33
.005 ± .002
.030
.318 ± .010
.328 ± .010
.050 MIN.
10X
.530
.70
.159
.010 ± .003
10X
.040
.100
4X
.115 ± .010
.050
4X
.085
- C -
- B -
- A -
CR-15 Package Outline


Similar Part No. - M567

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
M5670 ALPHAWIRE-M5670 Datasheet
410Kb / 4P
20 (7/28) AWG Tinned Copper
logo
Teledyne Technologies I...
M5670NO TELEDYNE-M5670NO Datasheet
82Kb / 1P
TWTs, Continuous Wave
M5670NO-D TELEDYNE-M5670NO-D Datasheet
62Kb / 1P
TWTs, Continuous Wave
logo
Mitsubishi Electric Sem...
M56710FP MITSUBISHI-M56710FP Datasheet
184Kb / 8P
F2F MAGNETIC STRIPE ENCORDING CARD READER
logo
Renesas Technology Corp
M56710FP RENESAS-M56710FP Datasheet
164Kb / 14P
F2F Magnetic Stripe Encoding Card Reader
More results

Similar Description - M567

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M541 MA-COM-M541 Datasheet
231Kb / 9P
Bonding, Handling, and Mounting Procedures for Chip Diode Devices
M570 MA-COM-M570 Datasheet
172Kb / 4P
Bonding, Handling, and Mounting Procedures for Millimeterwave PHEMT MMIC?셲
logo
Lumileds Lighting Compa...
AB32 LUMILEDS-AB32 Datasheet
5Mb / 38P
Assembly and Handling Information
AB142 LUMILEDS-AB142 Datasheet
1Mb / 16P
Assembly and handling information
AB156 LUMILEDS-AB156 Datasheet
3Mb / 19P
Assembly and handling information
AB171 LUMILEDS-AB171 Datasheet
1Mb / 13P
Assembly and Handling Information
AB174 LUMILEDS-AB174 Datasheet
1Mb / 10P
Assembly and Handling Information
AB178 LUMILEDS-AB178 Datasheet
1Mb / 12P
Assembly and Handling Information
AB190 LUMILEDS-AB190 Datasheet
1Mb / 11P
Assembly and Handling Information
AB198 LUMILEDS-AB198 Datasheet
4Mb / 29P
Assembly and Handling Information
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com