Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA555 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SA555
Description  PRECISION TIMERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SA555 Datasheet(HTML) 4 Page - Diodes Incorporated

  SA555 Datasheet HTML 1Page - Diodes Incorporated SA555 Datasheet HTML 2Page - Diodes Incorporated SA555 Datasheet HTML 3Page - Diodes Incorporated SA555 Datasheet HTML 4Page - Diodes Incorporated SA555 Datasheet HTML 5Page - Diodes Incorporated SA555 Datasheet HTML 6Page - Diodes Incorporated SA555 Datasheet HTML 7Page - Diodes Incorporated SA555 Datasheet HTML 8Page - Diodes Incorporated SA555 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NE555/SA555/NA555
PRECISION TIMERS
NE555/SA555/NA555
Document number: DS35112 Rev. 4 - 2
4 of 14
www.diodes.com
February 2012
© Diodes Incorporated
Electrical Characteristics (VCC = 5V to 15V, TA = 25°C unless otherwise stated)
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
VOL
Low level output voltage
VCC = 15V, IOL = 10mA
0.1
0.25
V
VCC = 15V, IOL = 50mA
0.4
0.75
VCC = 15V, IOL = 100mA
2
2.5
VCC = 15V, IOL = 200mA
2.5
VCC = 5V, IOL = 5mA
0.1
0.35
VCC = 5V, IOL = 8mA
0.15
0.4
VOH
High level output voltage
VCC = 15V, IOH = -100mA
12.75
13.3
V
VCC = 15V, IOH = -200mA
12.5
VCC = 5V, IOH = -100mA
2.75
3.3
ICC
Supply current
Output low, no load
VCC = 15V
10
15
mA
VCC = 5V
3
6
Output high, no load
VCC = 15V
9
13
VCC = 5V
2
5
TER
Initial error of timing interval
(Note 8)
Each time, monostable
(Note 9)
1
3
%
Each time, astable
(Note 10)
2.25
TTC
Temperature coefficient of timing
interval
Each time, monostable
(Note 9)
TA = full
range
50
ppm/°C
Each time, astable
(Note 10)
150
TVCC
Supply voltage sensitivity of
timing interval
Each time, monostable
(Note 9)
0.1
0.5
%/V
Each time, astable
(Note 10)
0.3
TRI
Output pulse rise time
CL = 15pF
100
300
ns
TFA
Output pulse fall time
CL = 15pF
100
300
ns
Notes:
6. This parameter influences the maximum value of the timing resistors RA and RB in the circuit of Figure 12. For example, when VCC = 5 V, the
maximum value is R = RA + RB
≉ 3.4MΩ, and for VCC = 15 V, the maximum value is 10MΩ.
7. No protection against excessive pin 7 current is necessary providing package dissipation rating is not exceeded
8. Timing interval error is defined as the difference between the measured value and the average value of a random sample from each process run.
9. Values specified are for a device in a monostable circuit similar to Figure 9, with the following component values: RA = 2kΩ to 100kΩ, C = 0.1uF.
10. Values specified are for a device in an astable circuit similar to Figure 12, with the following component values: RA = 1kΩ to 100kΩ, C = 0.1uF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com