Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4699 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE4699
Description  Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4699 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE4699 Datasheet HTML 19Page - Infineon Technologies AG TLE4699 Datasheet HTML 20Page - Infineon Technologies AG TLE4699 Datasheet HTML 21Page - Infineon Technologies AG TLE4699 Datasheet HTML 22Page - Infineon Technologies AG TLE4699 Datasheet HTML 23Page - Infineon Technologies AG TLE4699 Datasheet HTML 24Page - Infineon Technologies AG TLE4699 Datasheet HTML 25Page - Infineon Technologies AG TLE4699 Datasheet HTML 26Page - Infineon Technologies AG TLE4699 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
TLE4699
Reset Function
Data Sheet
23
Rev. 1.0, 2010-11-30
8.2
Electrical Characteristics Reset Function
Electrical Characteristics: Reset Function
V
I = 13.5 V, Tj = -40 °C to +150 °C,
all voltages with respect to ground, direction of currents as shown in Figure 7 (unless otherwise specified).
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Output Undervoltage Reset Comparator Default Values (Pin RADJ = GND)
8.2.1
Output Undervoltage Reset
Lower Switching Threshold
V
RT,lo
4.6
4.7
4.8
V
V
I = 0 V
V
Q decreasing
RADJ = GND
8.2.2
Output Undervoltage Reset
Upper Switching Threshold
V
RT,hi
4.7
4.8
4.9
V
V
I within operating range
V
Q increasing
RADJ = GND
8.2.3
Output Undervoltage Reset
Switching Hysteresis
V
RT,hy
60
120
–
mV
V
I within operating range
RADJ = GND.
8.2.4
Output Undervoltage Reset
Headroom
V
RH
250
300
–
mV
Calculated Value:
V
Q - VRT,lo
V
I within operating range
I
Q = 50 mA
RADJ = GND
Reset Threshold Adjustment
8.2.5
Reset Adjust
Lower Switching Threshold
V
RADJ,th
1.17
1.195 1.22
V
V
I = 0 V
3.2 V
≤ V
Q < 5 V
8.2.6
Reset Adjustment Range 1)
V
RT,range
3.20
–
4.70
V
–
Reset Output RO
8.2.7
Reset Output Low Voltage
V
RO,low
–
0.2
0.4
V
V
I = 0 V;
1V
≤ V
Q ≤ VRT,low
R
RO,ext = 3.3 kΩ
8.2.8
Reset Output
External Pull-up Resistor
to Q
R
RO,ext
3–
–
k
Ω
V
I = 0 V;
1V
≤ V
Q ≤ VRT,low
V
RO = 0.4 V
8.2.9
Reset Output
Internal Pull-up Resistor
R
RO
20
30
40
k
Ω
internally connected to Q
Reset Delay Timing
8.2.10
Upper Delay
Switching Threshold
V
DST,hi
–
1.21
–
V
–
8.2.11
Lower Delay
Switching Threshold
V
DST,lo
–
0.30
–
V
–
8.2.12
Delay Capacitor
Charge Current
I
D,ch
–
3.5
–
μA
V
D = 1 V
8.2.13
Delay Capacitor
Reset Discharge Current
I
DR,dsch
–
80
–
mA
V
D = 1 V
8.2.14
Undervoltage Reset Delay
Time
t
d,100nF
16
23
30
ms
Calculated value;
C
D = 100 nF
2);
C
D discharged to VDST,lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com