Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7250GVIO Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7250GVIO
Description  High Speed CAN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250GVIO Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7250GVIO Datasheet HTML 9Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 10Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 11Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 12Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 13Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 14Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 15Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 16Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TLE7250GVIO
General Product Characteristics
Data Sheet
13
Rev. 1.0, 2012-03-14
6
General Product Characteristics
6.1
Absolute Maximum Ratings
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the associated electrical characteristics table.
Table 3
Absolute Maximum Ratings of Voltage, Current and Temperatures1)
All voltages with respect to ground; positive current flowing into the pin;
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Voltage
6.1.1
Supply voltage
VCC
-0.3
6.0
V
–
6.1.2
Logic supply voltage
VIO
-0.3
6.0
V
–
6.1.3
CANH DC voltage against
GND
V
CANH
-40
40
V
–
6.1.4
CANL DC voltage against
GND
V
CANL
-40
40
V
–
6.1.5
Differential voltage
between CANH and CANL
VCAN diff
-40
40
V
–
6.1.6
Logic voltage at logic input
pins NEN, TxD
V
Max_In
-0.3
6.0
V
–
6.1.7
Logic voltage at logic output
pin RxD
V
Max_Out
-0.3
V
IO
V–
Temperature
6.1.8
Junction temperature
Tj
-40
150
°C–
6.1.9
Storage temperature
TS
-55
150
°C–
ESD Immunity
6.1.10 ESD immunity at CANH,
CANL against GND
V
ESD_HBM_CAN -8
8
kV
HBM
(100pF via 1.5 k
Ω)2)
6.1.11 ESD immunity at all other
pins
V
ESD_HBM_All
-2
2
kV
HBM
(100pF via 1.5 k
Ω)2)
6.1.12 ESD immunity to GND
(all pins)
V
ESD_CDM
-750
750
V
CDM3)
1) Not subject to production test, specified by design
2) ESD susceptibility Human Body Model “HBM” according to ANSI/ESDA/JEDEC JS-001
3) ESD susceptibility, Charge Device Model “CDM” according to EIA/JESD22-C101 or ESDA STM5.3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com