Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC461 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC461
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC461 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC461 Datasheet HTML 16Page - Semtech Corporation SC461 Datasheet HTML 17Page - Semtech Corporation SC461 Datasheet HTML 18Page - Semtech Corporation SC461 Datasheet HTML 19Page - Semtech Corporation SC461 Datasheet HTML 20Page - Semtech Corporation SC461 Datasheet HTML 21Page - Semtech Corporation SC461 Datasheet HTML 22Page - Semtech Corporation SC461 Datasheet HTML 23Page - Semtech Corporation SC461 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
SC461
20
Applications Information (continued)
threshold and stays above 1V, then the switcher will turn
off but the LDO will remain on.
Note that it is possible to operate the switcher with the
LDO disabled, but the ENL pin must be below the logic
low threshold (0.4V maximum), otherwise the V
IN UVLO
function will disable the switcher.
The next table summarizes the function of the ENL and EN
pins.
EN
ENL
LDO status Switcher status
low
low, < 0.4V
off
off
high
low, < 0.4V
off
on
low
high, < 1.24V
on
off
high
high, < 1.24V
on
off
low
high, > 1.55V
on
off
high
high, > 1.55V
on
on
Figure 12 shows the ENL voltage thresholds and their
effect on LDO and Switcher operation.
AGND
ENL low
threshold
(min 0.4V)
1.55V
1.24V
LDO on
LDO on
LDO off
VIN UVLO hysteresis
ENL voltage
Switcher on if EN = high
Switcher on if EN = high
Switcher off by VIN UVLO
Figure 12 — ENL Thresholds
ENL Logic Control of PWM Operation
When the ENL input exceeds the V
IN UVLO threshold of
1.55V, internal logic checks the PGOOD signal. If PGOOD
is high, the switcher is already running and the LDO will
start without affecting the switcher. If PGOOD is low, the
device disables PWM switching until the LDO output has
reached 80% of its final value. This delay prevents the
additional current needed by the DH and DL gate drives
from overloading the LDO at start-up.
LDO Start-up
Before LDO start-up, the device checks the status of the
following signals to ensure proper operation can be
maintained.
ENL pin
VLDO output
V
IN input voltage
When the ENL pin is high and V
IN voltage is available, the
LDO will begin start-up. During the initial phase when
V
LDO is below 1V, the LDO initiates a current-limited start-
up (typically 15mA). This protects the LDO from thermal
damage if the VLDO pin is shorted to ground. As V
LDO
exceeds 1V, the start-up current gradually increases to
96mA. When V
LDO reaches 4V, the LDO current limit
increases to 200mA and the LDO output rises quickly to
5V. The LDO start-up profile is shown in Figure 13.
5V
4V
15mA constant current
voltage regulating with
200mA current limit
1V
VLDO
increasing current
Figure 13 — LDO Start-Up
Using the Internal LDO to Bias the SC461
The following steps must be followed when using the
internal LDO to bias the device.
Connect VDDA and VDDP to VLDO before
enabling the LDO.
During the initial start-up the LDO, when the
LDO output is less than 1V, the external load
should not exceed 10mA. Above 1V, any exter-
nal load on VLDO should not exceed 40mA until
the LDO voltage has reached 4V.
1.
2.
3.
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com