Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC508 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC508
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC508 Datasheet HTML 10Page - Semtech Corporation SC508 Datasheet HTML 11Page - Semtech Corporation SC508 Datasheet HTML 12Page - Semtech Corporation SC508 Datasheet HTML 13Page - Semtech Corporation SC508 Datasheet HTML 14Page - Semtech Corporation SC508 Datasheet HTML 15Page - Semtech Corporation SC508 Datasheet HTML 16Page - Semtech Corporation SC508 Datasheet HTML 17Page - Semtech Corporation SC508 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
SC508/SC508A
14
This method automatically produces an on-time that is
proportional to V
OUT and inversely proportional to VIN.
Under steady-state conditions, the switching frequency
can be determined from the on-time by the following
equation.
IN
ON
OUT
SW
V
T
V
f
The SC508 uses an external resistor to set the on-time which
indirectly sets the frequency. The on-time can be pro-
grammed to provide an operating frequency of up to 1MHz
using a resistor between the TON pin and ground. The resis-
tor value is
selected by the following equation.
The maximum recommended R
TON value is shown by the
following equation.
Immediately after the on-time, the DL output drives high
to energize the low-side MOSFET. DL has a minimum high
time of ~250ns, after which DL continues to stay high until
one of the following occurs:
The FB input falls below the 600mV reference
The Zero Cross Detector trips if power-save is
active
Note that the on-time variation increases to typically 15%
at input voltages from 4.5 to 10V. In most applications this
does not significantly affect overall performance.
V
OUT Voltage Selection
The switcher output voltage is regulated by comparing
V
OUT as seen through a resistor divider at the FB pin to the
internal 600mV reference voltage (see Figure 3).
R1
To FB pin
R2
VOUT
Figure 3 — Output Voltage Selection
Note that this control method regulates the valley of the
output ripple voltage, not the DC value. The DC value of
V
OUT is offset by the output ripple according to the follow-
ing equation.
2
V
R
R
1
0.6
V
RIPPLE
2
1
OUT
In some applications a small capacitor CTOP is placed in
parallel with R1 to provide a larger ripple signal from VOUT
to the FB pin. In these applications, the output voltage
VOUT is calculated according to the following equation in
which w represents the switching frequency.
Configuring V
OUT Greater Than 5V
The switcher output voltage can be programmed higher
than 5V with careful attention to the VOUT and RTON pins.
In these applications the VOUT pin cannot connect directly
to the switcher output due to its maximum voltage rating.
An additional resistor divider network is required to
connect from the switcher output to the VOUT pin as
shown in Figure 4.
To VOUT pin
VOUT > 5V
RV1
COUT
L
LX
RV2
Figure 4 — Resistor Divider For V
OUT Exceeding 5V
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com