Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC508A Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC508A
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508A Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC508A Datasheet HTML 11Page - Semtech Corporation SC508A Datasheet HTML 12Page - Semtech Corporation SC508A Datasheet HTML 13Page - Semtech Corporation SC508A Datasheet HTML 14Page - Semtech Corporation SC508A Datasheet HTML 15Page - Semtech Corporation SC508A Datasheet HTML 16Page - Semtech Corporation SC508A Datasheet HTML 17Page - Semtech Corporation SC508A Datasheet HTML 18Page - Semtech Corporation SC508A Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
SC508/SC508A
15
If the internal LDO is used for bias power, the LDO switch-
over function must be inhibited by selecting the resistor
divider so that the voltage at the VOUT pin does not
exceed 4V; this will inhibit the VLDO switch-over func-
tion. If the SC508 bias power is from an external 5V supply
and the LDO is disabled by grounding the ENL pin, the
voltage at the VOUT pin is not limited to 4V and can be as
high as the VDDA supply voltage.
Note that the VOUT pin has an internal 500kW resistor
connected to AGND. To minimize the effect of this resistor
on the resistor divider ratio, the maximum recommend
value for resistor R
V2 in Figure 4 is 10kW.
In addition to the resistor divider, the RTON resistor value
must be adjusted. The on-time is calculated according to
the voltage at the VOUT pin. In order to select the desired
on-time and operating frequency, the RTON resistor
should be adjusted to a higher value to compensate for
the reduced voltage at the VOUT pin. For output voltages
exceeding 5V, the required RTON value can be determined
by the following equation.
For applications where V
OUT exceeds 5V, FCM operation is
recommended.
Forced Continuous Mode Operation
The SC508 operates the switcher in Forced Continuous
Mode (FCM) by connecting the PSV pin to VDDA. The PSV
pin should never exceed the VDDA supply. See Figure 5
for FCM waveforms. In this mode one of the power
MOSFETs is always on, with no intentional dead time other
than to avoid cross-conduction. This results in more
uniform frequency across the full load range with the
trade-off being reduced efficiency at light loads due to
the high-frequency switching of the MOSFETs.
The PSV pin contains a 5μA current sink to prevent stray
leakage current from pulling the PSV pin up to the VDDA
supply when the PSV pin is floated to select Power-Save
operation. To select Forced Continuous Mode operation,
the maximum recommended resistance between the
VDDA supply and the PSV pin is 40kW.
FB Ripple
Voltage (VFB)
FB threshold
DL
DH
Inductor
Current
DC Load Current
DH on-time is triggered when
VFB reaches the FB Threshold.
On-time
(TON)
DL drives high when on-time is completed.
DL remains high until VFB falls to the FB threshold.
Figure 5 — Forced Continuous Mode Operation
Programmable Ultrasonic Power-Save Operation
The device provides programmable ultrasonic power-save
operation at light loads; the minimum operating fre-
quency is programmed by connecting a resistor from PSV
to AGND. The SC508 uses the PSV resistor to set an inter-
nal timer that monitors the time between consecutive
high-side gate pulses. If the time exceeds the programmed
timer, DL drives high to turn the low-side MOSFET on. This
draws current from V
OUT through the inductor, forcing both
V
OUT and VFB to fall. When VFB drops to the 600mV thresh-
old, the next DH on-time is triggered. After the on-time is
completed the high-side MOSFET is turned off and the
low-side MOSFET turns on, and the internal timer is
restarted. The low-side MOSFET remains on until the
inductor current ramps down to zero, at which point the
low-side MOSFET is turned off. This ends the cycle until V
FB
again falls below the 600mV threshold, or the internal
timer forces another DL turn-on.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com