Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9307L2 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS9307L2
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9307L2 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS9307L2 Datasheet HTML 3Page - Renesas Technology Corp PS9307L2 Datasheet HTML 4Page - Renesas Technology Corp PS9307L2 Datasheet HTML 5Page - Renesas Technology Corp PS9307L2 Datasheet HTML 6Page - Renesas Technology Corp PS9307L2 Datasheet HTML 7Page - Renesas Technology Corp PS9307L2 Datasheet HTML 8Page - Renesas Technology Corp PS9307L2 Datasheet HTML 9Page - Renesas Technology Corp PS9307L2 Datasheet HTML 10Page - Renesas Technology Corp PS9307L2 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary document
Specifications in this document are tentative and subject to change.
PS9307L,PS9307L2
Chapter Title
R08DS0046EJ0001 Rev.0.01
Page 7 of 12
Jan 25, 2012
47
Ω
3 nF
IF = 10 mA
10 kHz
50% DUTY
CYCLE
tPHL
tPLH
IF
VOUT
90%
50%
10%
tr
tf
IF A
B
1 V
26 V
VO
VO
1 500 V
VCM
VO
tr
tf
90%
10%
VO
VCC =
0.1 F
μ
10 to 30 V
SHIELD
6
1
2
3
5
4
VO
VCC = 30 V
0.1 F
μ
SHIELD
6
1
2
3
5
4
Fig. 7 tPLH, tPHL, tr, tf Test Circuit and Wave Forms
Fig. 8 CMR Test Circuit and Wave Forms
(Switch A: IF = 10 mA)
(Switch B: IF = 0 mA)
VCM = 1.5 kV
VOH
VOL
+
−
Remarks 1. Common Mode Transient Immunity at High Level Output is the maximum value of dVCM/dt at which the
output remains High Level (e.g. VO > 15 V).
2. Common Mode Transient Immunity at Low Level Output is the maximum value of dVCM/dt at which the
output remains Low Level (e.g. VO < 1.0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com