Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9309L2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS9309L2
Description  LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9309L2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS9309L2 Datasheet HTML 1Page - Renesas Technology Corp PS9309L2 Datasheet HTML 2Page - Renesas Technology Corp PS9309L2 Datasheet HTML 3Page - Renesas Technology Corp PS9309L2 Datasheet HTML 4Page - Renesas Technology Corp PS9309L2 Datasheet HTML 5Page - Renesas Technology Corp PS9309L2 Datasheet HTML 6Page - Renesas Technology Corp PS9309L2 Datasheet HTML 7Page - Renesas Technology Corp PS9309L2 Datasheet HTML 8Page - Renesas Technology Corp PS9309L2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary document
Specifications in this document are tentative and subject to change.
PS9309L, PS9309L2
Chapter Title
R08DS0047EJ0001 Rev.0.01
Page 3 of 12
Feb 20, 2012
PHOTOCOUPLER CONSTRUCTION
Parameter
PS9309L
PS9309L2
Air Distance (MIN.)
7 mm
8 mm
Outer Creepage Distance (MIN.)
7 mm
8 mm
Isolation Distance (MIN.)
0.4 mm
0.4 mm
BLOCK DIAGRAM
Output
H
L
LED
ON
OFF
1
3
6
5
4
Shield
MARKING EXAMPLE
Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
N
1
31
9309
N131
No. 1 pin Mark
Assembly Lot
Type Number
R
Company initial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com