Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20114AFP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R2A20114AFP
Description  Continuous Conduction Mode Interleaving PFC Control IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20114AFP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R2A20114AFP Datasheet HTML 1Page - Renesas Technology Corp R2A20114AFP Datasheet HTML 2Page - Renesas Technology Corp R2A20114AFP Datasheet HTML 3Page - Renesas Technology Corp R2A20114AFP Datasheet HTML 4Page - Renesas Technology Corp R2A20114AFP Datasheet HTML 5Page - Renesas Technology Corp R2A20114AFP Datasheet HTML 6Page - Renesas Technology Corp R2A20114AFP Datasheet HTML 7Page - Renesas Technology Corp R2A20114AFP Datasheet HTML 8Page - Renesas Technology Corp R2A20114AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
R2A20114AFP/ASP
Preliminary
R03DS0051EJ0100 Rev.1.00
Page 3 of 16
Aug 29, 2011
Pin Arrangement of R2A20114AFP
N.C.
VCC
CS1
N.C.
CSO2
CSO1
E-DELAY
N.C.
VREF
AGND
FMR
BO
CS2
VAC
PD
N.C.
FMC
N.C.
N.C.
IRAMP
1
10
9
8
7
6
5
4
3
2
30
21
22
23
24
25
26
27
28
29
(Top view)
Pin Functions of R2A20114AFP
Pin No.
Pin Name
Function
1
FMR
Frequency modulation setting resistor connecting terminal
2
FMC
Frequency modulation setting capacitor connecting terminal
3
VREF
Reference voltage output terminal
4
BO
Brownout input terminal
5
VAC
AC voltage input terminal
6
PD
Phase drop input terminal
7
AGND
Analog ground
8
E-DELAY
Delay of the Error signal setting terminal
9, 10
N.C.
Open
11
ERROR
Error output terminal
12
OFF
Shutdown terminal (VCC Reset)
13
RS
Current correction setting resistor connecting terminal
14
SS
Soft start setting capacitor connecting terminal
15
COMP
Error amplifier output terminal (to be phase-compensated)
16
N.C.
Open
17
FB
Error amplifier input terminal (feedback voltage input terminal)
18
QVP2
OVP2 input terminal
19-21
N.C.
Open
22
IRAMP
Ramp waveform setting resistor connecting terminal
23
CSO2
Current sense amplifier 2 output terminal (to be phase-compensated)
24
CSO1
Current sense amplifier 1 output terminal (to be phase-compensated)
25
CS2
Current sense 2 input terminal
26
CS1
Current sense 1 input terminal
27
N.C.
Open
28
VCC
Supply voltage terminal
29-31
N.C.
Open
32
GD2
Converter 2 Power MOSFET drive terminal
33
PGND
Power ground
34
GD1
Converter 1 Power MOSFET drive terminal
35
N.C.
Open
36
SYNC-O
Synchronization signal output terminal
37
RT/SYNC
Frequency setting resistor connecting terminal / Sync. Signal input terminal
38
CT
Frequency setting capacitor connecting terminal
39, 40
N.C.
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com