Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10RG8AFB Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # R5F10RG8AFB
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RG8AFB Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button R5F10RG8AFB Datasheet HTML 13Page - Renesas Technology Corp R5F10RG8AFB Datasheet HTML 14Page - Renesas Technology Corp R5F10RG8AFB Datasheet HTML 15Page - Renesas Technology Corp R5F10RG8AFB Datasheet HTML 16Page - Renesas Technology Corp R5F10RG8AFB Datasheet HTML 17Page - Renesas Technology Corp R5F10RG8AFB Datasheet HTML 18Page - Renesas Technology Corp R5F10RG8AFB Datasheet HTML 19Page - Renesas Technology Corp R5F10RG8AFB Datasheet HTML 20Page - Renesas Technology Corp R5F10RG8AFB Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 17 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
2.
ELECTRICAL SPECIFICATIONS (TARGET)
Cautions 1. These specifications show target values, which may change after device evaluation.
2. The RL78/L12 have an on-chip debug function, which is provided for development and
evaluation.
Do not use the on-chip debug function in products designated for mass
production, because the guaranteed number of rewritable times of the flash memory may be
exceeded when this function is used, and product reliability therefore cannot be guaranteed.
Renesas Electronics is not liable for problems occurring when the on-chip debug function is
used.
3. The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com