| Electronic Components Datasheet Search |
|
R5F2138ASDFP Datasheet(PDF) 51 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2138ASDFP Datasheet(HTML) 51 Page - Renesas Technology Corp |
|
51 / 63 page ![]() R8C/38T-A Group 4. Electrical Characteristics R01DS0081EJ0100 Rev.1.00 Page 51 of 60 Dec 09, 2011 Notes: 1. Vcc = 1.8 V to 2.7 V, single-chip mode, output pins are open, and other pins are Vss. 2. XIN is set to square wave input. 3. fHOCO-F 4. The typical value (Typ.) indicates the current value when the CPU and the memory operate. The maximum value (Max.) indicates the current value when the CPU, the memory, and the peripheral functions operate and the flash memory is programmed/erased. Table 4.19 DC Characteristics (6) [1.8 V Vcc 2.7 V] (Topr = 20°C to 85°C (N version)/40°C to 85°C (D version), unless otherwise specified) Symbol Parameter Conditions Standard (4) Unit Oscillation On-Chip Oscillator CPU Clock Low-Power- Consumption Setting Other Min. Typ. Max. XIN (2) XCIN High- Speed Low- Speed ICC Power supply current (1) High- speed clock mode 5 MHz Off Off 125 kHz No division ―― 2.2 ― mA 5 MHz Off Off 125 kHz Divide-by-8 ―― 0.8 ― mA High- speed on- chip oscillator mode Off Off 5 MHz (3) 125 kHz No division ―― 2.5 10 mA Off Off 5 MHz (3) 125 kHz Divide-by-8 ―― 1.7 ― mA Off Off 4 MHz (3) 125 kHz Divide-by-16 MSTIIC = 1 MSTTRC = 1 ― 1 ― mA Low- speed on- chip oscillator mode Off Off Off 125 kHz Divide-by-8 FMR27 = 1 SVC0 = 0 ― 90 300 μA Low- speed clock mode Off 32 kHz Off Off No division FMR27 = 1 SVC0 = 0 ― 80 350 μA Wait mode Off Off Off 125 kHz ― VCA27 = 0 VCA26 = 0 VCA25 = 0 SVC0 = 1 While a WAIT instruction is executed Peripheral clock operation ― 15 90 μA Off Off Off 125 kHz ― VCA27 = 0 VCA26 = 0 VCA25 = 0 SVC0 = 1 While a WAIT instruction is executed Peripheral clock off ― 480 μA Off 32 kHz Off Off ― VCA27 = 0 VCA26 = 0 VCA25 = 0 SVC0 = 1 While a WAIT instruction is executed Peripheral clock off ― 3.5 ―μA Stop mode Off Off Off Off ― VCA27 = 0 VCA26 = 0 VCA25 = 0 CM10 = 1 Topr = 25°C Peripheral clock off ― 2.2 6 μA Off Off Off Off ― VCA27 = 0 VCA26 = 0 VCA25 = 0 CM10 = 1 Topr = 85°C Peripheral clock off ― 30 ―μA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |