Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563NBCDFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F563NBCDFP
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NBCDFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F563NBCDFP Datasheet HTML 7Page - Renesas Technology Corp R5F563NBCDFP Datasheet HTML 8Page - Renesas Technology Corp R5F563NBCDFP Datasheet HTML 9Page - Renesas Technology Corp R5F563NBCDFP Datasheet HTML 10Page - Renesas Technology Corp R5F563NBCDFP Datasheet HTML 11Page - Renesas Technology Corp R5F563NBCDFP Datasheet HTML 12Page - Renesas Technology Corp R5F563NBCDFP Datasheet HTML 13Page - Renesas Technology Corp R5F563NBCDFP Datasheet HTML 14Page - Renesas Technology Corp R5F563NBCDFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 11 of 106
Dec 27, 2011
RX63N Group, RX631 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
1.3
Block Diagram
Figure 1.2 shows a block diagram.
Figure 1.2
Block Diagram
ETHERC
: Ethernet controller
EDMAC
: DMA controller for Ethernet controller
ICUb
: Interrupt controller
DTCa
: Data transfer controller
DMACA
: DMA controller
EXDMACa : EXDMA controller
BSC
: Bus controller
WDTA
: Watchdog timer
IWDTa
: Independent watchdog timer
CRC
: CRC (cyclic redundancy check) calculator
SCIc, SCId : Serial communications interface
RSPI
: Serial peripheral interface
CAN
: CAN module
MTU2a : Multi-function timer pulse unit 2
POE2a : Port output enable 2
TPUA
: 16-bit timer pulse unit
PPG
: Programmable pulse generator
TMR
: 8-bit timer
CMT
: Compare match timer
RTCa
: Realtime clock
RIIC
: I
2C bus interface
IEB
: IEBus controller
External bus
BSC
Clock
generati
on circuit
RX CPU
RAM
ROM
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port A
Port B
Port C
10-bit ADC × 8 channels
12-bit ADC × 21 channels
MTU2a × 6ch (unit 0)
10-bit DAC × 2 channel
RIIC × 4ch
USB 2.0 function module
CAN × 3ch
RTCa
POE2a
TPUa × 6ch (unit 1)
IEB
CMT × 2 channels (unit 1)
CMT × 2 channels (unit 0)
TMR × 2 channels (unit 1)
TMR × 2 channels (unit 0)
PPG (unit 1)
PPG (unit 0)
RSPI (unit 1)
RSPI (unit 0)
DTCa
DMACA ×
4ch
ICUb
Temperature sensor
TPUa × 6ch (unit 0)
RSPI (unit 2)
USB 2.0 host/function module
Port D
Port E
Port F
Port G
Port H
Port J
EDMAC
ETHERC
EXDMACa
SCIc × 12ch
WDTA
E2 Data Flash
CRC
IWDTa
SCId × 1ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com