Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630ADDFB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F5630ADDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ADDFB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F5630ADDFB Datasheet HTML 3Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 4Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 5Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 6Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 7Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 8Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 9Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 10Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 7 of 168
Sep 13, 2011
RX630 Group
1. Overview
Table 1.2
Functions of RX630 Group Products
Functions
RX630 Group
Package
177 Pins,
176 Pins
145 Pins,
144 Pins
100 Pins
80 Pins
External bus
External bus width
32 bits
16 bits
Not supported
DMA
DMA controller
Ch. 0 to 3
Data transfer controller
Supported
Timers
16-bit timer pulse unit
Ch. 0 to 11
Ch. 0 to 5
Multi-function timer pulse unit 2
Ch. 0 to 5
Port output enable 2
Supported
Programmable pulse generator
Ch. 0 and 1
8-bit timers
Ch. 0 to 3
Compare match timer
Ch. 0 to 3
Realtime clock
Supported
Watchdog timer
Supported
Independent watchdog timer
Supported
Communication
function
USB 2.0 function module
Ch. 0
Serial communications interfaces (SClc)
Ch. 0 to 11
Ch. 0 to 3, 5, 6,
8, 9
Ch. 1, 5, 6, 8, 9
Serial communications interfaces (SCld)
Ch. 12
I2C bus interfaces
Ch. 0 to 3
Ch. 0, 2
IEBus
Supported
Serial peripheral interfaces
Ch. 0 to 2
Ch. 0, 1
CAN module
For 1 M or less: Ch. 0, 1
For 1.5 M or more: Ch. 0 to 2
For 512 K or
less: Ch. 1
For 768 K or
more: Ch. 0, 1
Ch. 1
12-bit A/D converter
AN000 to 020
AN000 to 013
AN000 to 010
10-bit A/D converter
AN0 to 7
AN0 to 3
D/A converter
Ch. 0, 1
Ch. 1
Temperature sensor
Supported
CRC calculator
Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com