Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630ACDFC Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # R5F5630ACDFC
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ACDFC Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button R5F5630ACDFC Datasheet HTML 90Page - Renesas Technology Corp R5F5630ACDFC Datasheet HTML 91Page - Renesas Technology Corp R5F5630ACDFC Datasheet HTML 92Page - Renesas Technology Corp R5F5630ACDFC Datasheet HTML 93Page - Renesas Technology Corp R5F5630ACDFC Datasheet HTML 94Page - Renesas Technology Corp R5F5630ACDFC Datasheet HTML 95Page - Renesas Technology Corp R5F5630ACDFC Datasheet HTML 96Page - Renesas Technology Corp R5F5630ACDFC Datasheet HTML 97Page - Renesas Technology Corp R5F5630ACDFC Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 94 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
0008 8352h
RIIC2
I2C bus transmit data register
ICDRT
8
8
2, 3 PCLKB
2 ICLK
0008 8353h
RIIC2
I2C bus receive data register
ICDRR
8
8
2, 3 PCLKB
2 ICLK
0008 8360h
RIIC3
I2C bus control register 1
ICCR1
8
8
2, 3 PCLKB
2 ICLK
0008 8361h
RIIC3
I2C bus control register 2
ICCR2
8
8
2, 3 PCLKB
2 ICLK
0008 8362h
RIIC3
I2C bus mode register 1
ICMR1
8
8
2, 3 PCLKB
2 ICLK
0008 8363h
RIIC3
I2C bus mode register 2
ICMR2
8
8
2, 3 PCLKB
2 ICLK
0008 8364h
RIIC3
I2C bus mode register 3
ICMR3
8
8
2, 3 PCLKB
2 ICLK
0008 8365h
RIIC3
I2C bus function enable register
ICFER
8
8
2, 3 PCLKB
2 ICLK
0008 8366h
RIIC3
I2C bus status enable register
ICSER
8
8
2, 3 PCLKB
2 ICLK
0008 8367h
RIIC3
I2C bus interrupt enable register
ICIER
8
8
2, 3 PCLKB
2 ICLK
0008 8368h
RIIC3
I2C bus status register 1
ICSR1
8
8
2, 3 PCLKB
2 ICLK
0008 8369h
RIIC3
I2C bus status register 2
ICSR2
8
8
2, 3 PCLKB
2 ICLK
0008 836Ah
RIIC3
Slave address register U0
ICSARU0
8
8
2, 3 PCLKB
2 ICLK
0008 836Bh
RIIC3
Slave address register L0
ICSARL0
8
8
2, 3 PCLKB
2 ICLK
0008 836Ch
RIIC3
Slave address register U1
ICSARU1
8
8
2, 3 PCLKB
2 ICLK
0008 836Dh
RIIC3
Slave address register L1
ICSARL1
8
8
2, 3 PCLKB
2 ICLK
0008 836Eh
RIIC3
Slave address register U2
ICSARU2
8
8
2, 3 PCLKB
2 ICLK
0008 836Fh
RIIC3
Slave address register L2
ICSARL2
8
8
2, 3 PCLKB
2 ICLK
0008 8370h
RIIC3
I2C bus bit rate low-level register
ICBRL
8
8
2, 3 PCLKB
2 ICLK
0008 8371h
RIIC3
I2C bus bit rate high-level register
ICBRH
8
8
2, 3 PCLKB
2 ICLK
0008 8372h
RIIC3
I2C bus transmit data register
ICDRT
8
8
2, 3 PCLKB
2 ICLK
0008 8373h
RIIC3
I2C bus receive data register
ICDRR
8
8
2, 3 PCLKB
2 ICLK
0008 8380h
RSPI0
RSPI control register
SPCR
8
8
2, 3 PCLKB
2 ICLK
0008 8381h
RSPI0
RSPI slave select polarity register
SSLP
8
8
2, 3 PCLKB
2 ICLK
0008 8382h
RSPI0
RSPI pin control register
SPPCR
8
8
2, 3 PCLKB
2 ICLK
0008 8383h
RSPI0
RSPI status register
SPSR
8
8
2, 3 PCLKB
2 ICLK
0008 8384h
RSPI0
RSPI data register
SPDR
32
16, 32
2, 3 PCLKB
2 ICLK
0008 8388h
RSPI0
RSPI sequence control register
SPSCR
8
8
2, 3 PCLKB
2 ICLK
0008 8389h
RSPI0
RSPI sequence status register
SPSSR
8
8
2, 3 PCLKB
2 ICLK
0008 838Ah
RSPI0
RSPI bit rate register
SPBR
8
8
2, 3 PCLKB
2 ICLK
0008 838Bh
RSPI0
RSPI data control register
SPDCR
8
8
2, 3 PCLKB
2 ICLK
0008 838Ch
RSPI0
RSPI clock delay register
SPCKD
8
8
2, 3 PCLKB
2 ICLK
0008 838Dh
RSPI0
RSPI slave select negate delay register
SSLND
8
8
2, 3 PCLKB
2 ICLK
0008 838Eh
RSPI0
RSPI next access delay register
SPND
8
8
2, 3 PCLKB
2 ICLK
0008 838Fh
RSPI0
RSPI control register 2
SPCR2
8
8
2, 3 PCLKB
2 ICLK
0008 8390h
RSPI0
RSPI command register 0
SPCMD0
16
16
2, 3 PCLKB
2 ICLK
0008 8392h
RSPI0
RSPI command register 1
SPCMD1
16
16
2, 3 PCLKB
2 ICLK
0008 8394h
RSPI0
RSPI command register 2
SPCMD2
16
16
2, 3 PCLKB
2 ICLK
0008 8396h
RSPI0
RSPI command register 3
SPCMD3
16
16
2, 3 PCLKB
2 ICLK
0008 8398h
RSPI0
RSPI command register 4
SPCMD4
16
16
2, 3 PCLKB
2 ICLK
0008 839Ah
RSPI0
RSPI command register 5
SPCMD5
16
16
2, 3 PCLKB
2 ICLK
0008 839Ch
RSPI0
RSPI command register 6
SPCMD6
16
16
2, 3 PCLKB
2 ICLK
0008 839Eh
RSPI0
RSPI command register 7
SPCMD7
16
16
2, 3 PCLKB
2 ICLK
0008 83A0h
RSPI1
RSPI control register
SPCR
8
8
2, 3 PCLKB
2 ICLK
0008 83A1h
RSPI1
RSPI slave select polarity register
SSLP
8
8
2, 3 PCLKB
2 ICLK
0008 83A2h
RSPI1
RSPI pin control register
SPPCR
8
8
2, 3 PCLKB
2 ICLK
0008 83A3h
RSPI1
RSPI status register
SPSR
8
8
2, 3 PCLKB
2 ICLK
0008 83A4h
RSPI1
RSPI data register
SPDR
32
16, 32
2, 3 PCLKB
2 ICLK
0008 83A8h
RSPI1
RSPI sequence control register
SPSCR
8
8
2, 3 PCLKB
2 ICLK
0008 83A9h
RSPI1
RSPI sequence status register
SPSSR
8
8
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (18/39)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com