Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK4002DPP-M0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK4002DPP-M0
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK4002DPP-M0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK4002DPP-M0 Datasheet HTML 1Page - Renesas Technology Corp RJK4002DPP-M0 Datasheet HTML 2Page - Renesas Technology Corp RJK4002DPP-M0 Datasheet HTML 3Page - Renesas Technology Corp RJK4002DPP-M0 Datasheet HTML 4Page - Renesas Technology Corp RJK4002DPP-M0 Datasheet HTML 5Page - Renesas Technology Corp RJK4002DPP-M0 Datasheet HTML 6Page - Renesas Technology Corp RJK4002DPP-M0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0551EJ0100 Rev.1.00
Page 1 of 6
Oct 03, 2011
Preliminary Datasheet
RJK4002DPP-M0
Silicon N Channel MOS FET
High Speed Power Switching
Features
 Low on-state resistance
RDS(on) = 2.4  typ. (at ID = 1.5 A, VGS = 10 V, Ta = 25C)
 High speed switching
Outline
RENESAS Package code: PRSS0003AF-A
(Package name: TO-220FL)
1
2
3
D
S
G
1. Gate
2. Drain
3. Source
Absolute Maximum Ratings
(Ta = 25
C)
Item
Symbol
Value
Unit
Drain to source voltage
VDSS
400
V
Gate to source voltage
VGSS
30
V
Drain current
ID
Note4
3
A
Drain peak current
ID(pulse)
Note1
6
A
Body-drain diode reverse drain current
IDR
3
A
Body-drain diode reverse drain peak current
IDR(pulse)
Note1
6
A
Avalanche current
IAP
Note3
2.5
A
Avalanche energy
EAR
Note3
0.357
mJ
Channel dissipation
Pch
Note 2
20
W
Channel to case thermal Impedance
ch-c
6.25
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 ms, duty cycle  1 %
2. Value at Tc = 25
C
3. STch = 25
C, Tch  150C
4. Pulse width limited by safe operating area.
R07DS0551EJ0100
Rev.1.00
Oct 03, 2011


Similar Part No. - RJK4002DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK4002DPP-M0 RENESAS-RJK4002DPP-M0 Datasheet
99Kb / 7P
400V - 3A - MOS FET High Speed Power Switching
RJK4002DPP-M0T2 RENESAS-RJK4002DPP-M0T2 Datasheet
99Kb / 7P
400V - 3A - MOS FET High Speed Power Switching
RJK4002DPP-M0 RENESAS-RJK4002DPP-M0_12 Datasheet
99Kb / 7P
400V - 3A - MOS FET High Speed Power Switching
RJK4002DPP-M0 RENESAS-RJK4002DPP-M0_15 Datasheet
99Kb / 7P
400V - 3A - MOS FET High Speed Power Switching
More results

Similar Description - RJK4002DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
Silicon N Channel MOS FET High Speed Power Switching
HAT2105T RENESAS-HAT2105T Datasheet
90Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK6014DPP RENESAS-RJK6014DPP Datasheet
77Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK5012DPP RENESAS-RJK5012DPP Datasheet
115Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2737 RENESAS-2SK2737 Datasheet
88Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2738 RENESAS-2SK2738 Datasheet
93Kb / 8P
Silicon N Channel MOS FET High Speed Power Switching
RJK4013DPE RENESAS-RJK4013DPE_09 Datasheet
110Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK6066DPP-M0 RENESAS-RJK6066DPP-M0 Datasheet
88Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com