Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89875U_0708 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89875U_0708
Description  2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89875U_0708 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89875U_0708 Datasheet HTML 1Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 2Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 3Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 4Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 5Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 6Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 7Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 8Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Precision Edge®
SY89875U
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
Note 1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng
conditions for extended periods may affect device reliability.
Note 2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
Note 3.
Due to the limited drive capability use for input of the same package only.
Note 4.
Junction-to-board resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential on the pcb.
Absolute Maximum Ratings(Note 1)
Supply Voltage (V
CC) ................................... –0.5V to +4.0V
Input Voltage (V
IN) ................................... –0.5V to VCC+0.3
ECL Output Current (I
OUT)
Continuous .......................................................... 50mA
Surge ................................................................. 100mA
Input Current IN, /IN (I
IN) ......................................... ±50mA
V
T Current (IVT) ...................................................... ±100mA
V
REF-AC Sink/Source Current (IVREF-AC), Note 3 ...... ±2mA
Lead Temperature (soldering 20 sec.) ...................... 260°C
Storage Temperature (T
S) ........................ –65°C to +150°C
Operating Ratings(Note 2)
Supply Voltage (V
CC) ......................................... +2.5V ±5%
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance
MLF®
(θ
JA)
Still-Air ............................................................. 60°C/W
500lfpm ........................................................... 54°C/W
MLF®
(ψ
JB), Note 4
Junction-to-Board ............................................ 32°C/W
T
A= –40°C to +85°C; Unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CC
Power Supply
2.375
2.625
V
I
CC
Power Supply Current
No load, max. V
CC
70
95
mA
R
IN
Differential Input Resistance
90
100
110
ý
(IN-to-/IN)
V
IH
Input High Voltage (IN, /IN)
Note 3
0.1
–
V
CC+0.3
V
V
IL
Input Low Voltage (IN, /IN)
Note 3
–0.3
–
V
IH–0.1
V
V
IN
Input Voltage Swing
Note 4
0.1
–
V
CC
V
V
DIFF_IN
Differential Input Voltage Swing
Note 5
0.2
–
–
V
|I
IN|
Input Current (IN, /IN)
Note 3
––
45
mA
V
REF–AC
Reference Voltage
Note 6
V
CC–1.525 VCC–1.425 VCC–1.325
V
Note 1.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
Note 2.
Specification for packaged product only.
Note 3.
Due to the internal termination (see Figure 2a) the input current depends on the applied voltages at IN, /IN and VT inputs. Do not apply a combination
of voltages that causes the input current to exceed the maximum limit!
Note 4.
See “Timing Diagram” for V
IN definition. VIN (Max) is specified when VT is floating.
Note 5.
See “Typical Operating Characteristics” section for VDIFF definition.
Note 6.
Operating using V
IN is limited to AC-coupled PECL or CML applications only. Connect directly to VT pin.
DC ELECTRICAL CHARACTERISTICS(Notes 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com