Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89872U_0708 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89872U_0708
Description  2.5V, 2GHz ANY DIFF. IN-TO-LVDS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89872U_0708 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89872U_0708 Datasheet HTML 1Page - Micrel Semiconductor SY89872U_0708 Datasheet HTML 2Page - Micrel Semiconductor SY89872U_0708 Datasheet HTML 3Page - Micrel Semiconductor SY89872U_0708 Datasheet HTML 4Page - Micrel Semiconductor SY89872U_0708 Datasheet HTML 5Page - Micrel Semiconductor SY89872U_0708 Datasheet HTML 6Page - Micrel Semiconductor SY89872U_0708 Datasheet HTML 7Page - Micrel Semiconductor SY89872U_0708 Datasheet HTML 8Page - Micrel Semiconductor SY89872U_0708 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Precision Edge®
SY89872U
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
Pin Number
Pin Name
Pin Function
1, 2, 3, 4
QB0, /QB0
Differential LVDS Compatible Outputs: Divide by 2, 4, 8, 16.
QB1, /QB1
Unused outputs must be terminated with 100ý across the pin (Q, /Q).
5, 6
QA, /QA
Differential LVDS Compatible Undivided Output Clock.
7, 14
VCC
Positive Power Supply: Bypass with 0.1µF/0.01µF low ESR capacitors.
8
/RESET, /DISABLE
Output Reset and Output Enable/Disable: Internal 25ký pull-up. Input threshold is V
CC/2.
Logic LOW will reset the divider select, and align Bank A and Bank B edges. In addition, when
LOW, Bank A and Bank B will be disabled.
12, 9
IN, /IN
Differential Reference Input Clock: Internal 50ý termination resistors to V
T input.
See “Input Interface Applications” section.
10
VREF-AC
Reference Voltage: Equal to V
CC–1.4V (approx.), and used for AC-coupled applications.
Maximum sink/source current is 0.5mA. See “Input Interface Applications” section.
11
VT
Termination Center-Tap: For DC-coupled CML and LVDS inputs, leave this pin floating. See
“Input Interface Applications” section.
13
GND
Ground.
15, 16
S1, S0
Select Pins: LVTTL/CMOS logic levels. Internal 25ký pull-up resistor. Logic HIGH if left
unconnected (divided by 16 mode). S0 = LSB. Input threshold is V
CC/2.
PIN DESCRIPTION
/RESET
/DISABLE
S1
S0
Bank A Output
Bank B Outputs
1
0
0
Input Clock
Input Clock ÷2
1
0
1
Input Clock
Input Clock ÷4
1
1
0
Input Clock
Input Clock ÷8
1
1
1
Input Clock
Input Clock ÷16
0
X
X
QA = Low, /QA = High(1)
QB0 = Low, /QB0 = High(2)
QB1 = Low, /QB1 = High(2)
TRUTH TABLE
Note 1. On the next negative transition of the input signal.
Note 2. Asynchronous reset/disable function. (See “Timing Diagram”)
PACKAGE/ORDERING INFORMATION
13
14
15
16
12
11
10
9
1
2
3
4
8
7
6
5
QB0
/QB0
QB1
/QB1
IN
VT
VREF-AC
/IN
16-Pin MLF® (MLF-16)
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89872UMI
MLF-16
Industrial
872U
Sn-Pb
SY89872UMITR(2)
MLF-16
Industrial
872U
Sn-Pb
SY89872UMG(3)
MLF-16
Industrial
872U with
NiPdAu
Pb-Free bar line indicator
Pb-Free
SY89872UMGTR(2, 3)
MLF-16
Industrial
872U with
NiPdAu
Pb-Free bar line indicator
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com