Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88923KG Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88923KG
Description  2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88923KG Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88923KG Datasheet HTML 1Page - Micrel Semiconductor SY88923KG Datasheet HTML 2Page - Micrel Semiconductor SY88923KG Datasheet HTML 3Page - Micrel Semiconductor SY88923KG Datasheet HTML 4Page - Micrel Semiconductor SY88923KG Datasheet HTML 5Page - Micrel Semiconductor SY88923KG Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SY88923
Micrel, Inc.
M9999-061907
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
10-Pin MSOP (K10-1)
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88923KC
K10-1
Commercial
923
Sn-Pb
SY88923KCTR(1)
K10-1
Commercial
923
Sn-Pb
SY88923KG
K10-1
Industrial
923 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88923KGTR(1)
K10-1
Industrial
923 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Note:
1.
Tape and Reel.
1
/EN
DIN
/DIN
VREF
LOSLVL
10 VCC
DOUT
/DOUT
LOS
GND
9
8
7
6
2
3
4
5
MSOP
K10-1
Pin
Type
Function
DIN
Data Input
Data Input
/DIN
Data Input
Inverting Data Input
LOS LVL
Input
LOS Limit Set
/EN
TTL Input
Output Enable (Active Low)
LOS
TTL Output
Loss of Signal Indicator
(Open Collector)
(Active High)
GND
Ground
Ground
/DOUT
PECL Output
Inverting Data Output
DOUT
PECL Output
Data Output
VCC
Power Supply
Positive Power Supply
VREF
Output
Reference Voltage Output for
LOS Level Set (see Fig. 3)
General
The SY88923 is an integrated limiting amplifier intended
for high-frequency fiber-optic applications. The circuit
connects to typical transimpedance amplifiers found within
a fiber-optics link. The linear signal output from a
transimpedance amplifier can contain significant amounts
of noise, and may vary in amplitude over time. The SY88923
limiting amplifier quantizes the signal and outputs a voltage-
limited waveform.
The /EN pin allows the user to disable the output signal
without removing the input signal.
PIN NAMES
GENERAL DESCRIPTION
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
0 to +7.0
V
DIN, /DIN
Input Voltage
0 to VCC
V
DOUT, /DOUT
Output Voltage (with 50Ω load)
VCC –2.5, VCC +0.3
V
TA
Operating Temperature Range
–40 to +85
°C
Tstore
Storage Temperature Range
–55 to +125
°C
ABSOLUTE MAXIMUM RATINGS(1)
Note:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at
conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com