Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88913 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88913
Description  1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88913 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88913 Datasheet HTML 1Page - Micrel Semiconductor SY88913 Datasheet HTML 2Page - Micrel Semiconductor SY88913 Datasheet HTML 3Page - Micrel Semiconductor SY88913 Datasheet HTML 4Page - Micrel Semiconductor SY88913 Datasheet HTML 5Page - Micrel Semiconductor SY88913 Datasheet HTML 6Page - Micrel Semiconductor SY88913 Datasheet HTML 7Page - Micrel Semiconductor SY88913 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY88913
Micrel, Inc.
M9999-061907
hbwhelp@micrel.com or (408) 955-1690
General
The SY88913 is an integrated limiting amplifier intended
for high-frequency fiber-optic applications. The circuit
connects to typical transimpedance amplifiers found within
a fiber-optics link. The linear signal output from a
transimpedance amplifier can contain significant amounts
of noise, and may vary in amplitude over time. The SY88913
limiting amplifier quantizes the signal and outputs a voltage-
limited waveform.
The TTL /EN pin allows the user to disable the signal
without removing the input signal.
GENERAL DESCRIPTION
Pin
Type
Function
DIN
Data Input
Data Input
/DIN
Data Input
Inverting Data Input
LOS LVL
Input
Loss of Signal Level Set
/EN
TTL Input
Output Enable (active Low)
/LOS
PECL Output
Loss of Signal Indicator
(active Low)
GND
Ground
Ground
DOUT
PECL Output
Data Output
/DOUT
PECL Output
Inverting Data Output
VCC
Power Supply
Positive Power Supply
VREF
Output
Reference Voltage Output
for LOS Level Set (see Fig. 2)
PIN NAMES
PACKAGE/ORDERING INFORMATION
10-Pin MSOP (K10-1)
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88913KC
K10-1
Commercial
913
Sn-Pb
SY88913KCTR(1)
K10-1
Commercial
913
Sn-Pb
SY88913KG
K10-1
Commercial
913 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88913KGTR(1)
K10-1
Commercial
913 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Note:
1.
Tape and Reel.
1
/EN
DIN
/DIN
VREF
LOSLVL
10 VCC
DOUT
/DOUT
/LOS
GND
9
8
7
6
2
3
4
5
MSOP
K10-1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com