Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S301JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S301JC
Description  TRIPLE 5-INPUT OR/NOR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S301JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S301JC Datasheet HTML 1Page - Micrel Semiconductor SY100S301JC Datasheet HTML 2Page - Micrel Semiconductor SY100S301JC Datasheet HTML 3Page - Micrel Semiconductor SY100S301JC Datasheet HTML 4Page - Micrel Semiconductor SY100S301JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY100S301
Micrel, Inc.
M9999-042307
hbwhelp@micrel.com or (408) 955-1690
LOGIC EQUATION
Oa = D1a + D2a + D3a + D4a + D5a
Ob = D1b + D2b + D3b + D4a + D5b
Oc = D1c + D2c + D3c + D4c + D5c
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
—
—
200
µA—
IEE
Power Supply Current
–25
–17
–11
mA
Inputs Open
AC ELECTRICAL CHARACTERISTICS
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
300
750
300
750
300
750
ps
tPHL
Data to Output
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
Symbol
Rating
Value
Unit
VEE
Power Supply
–0.5 to +7.0
V
VIN
Input Voltage
–0.5 to VEE
V
IOUT
DC Output Current
–50
mA
TC
Temperature Under Bias
–55 to +125
˚C
TJ
Junction Temperature
+150
˚C
TLEAD
Lead Temperature
+260
˚C
(soldering, 20 sec.)
Tstore
Storage Temperature
–65 to +150
˚C
Note:
1. Permanent device damage may occur if absolute maximum ratings are
exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data book. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VEE
Input HIGH Current
–5.5
–4.5
–4.2
V
TA
Power Supply Current
0
25
85
˚C
GUARANTEED OPERATING CONDITIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com