Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5590 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC5590
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5590 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC5590 Datasheet HTML 10Page - Linear Technology LTC5590 Datasheet HTML 11Page - Linear Technology LTC5590 Datasheet HTML 12Page - Linear Technology LTC5590 Datasheet HTML 13Page - Linear Technology LTC5590 Datasheet HTML 14Page - Linear Technology LTC5590 Datasheet HTML 15Page - Linear Technology LTC5590 Datasheet HTML 16Page - Linear Technology LTC5590 Datasheet HTML 17Page - Linear Technology LTC5590 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC5592
14
5592f
The RF input impedance and input reflection coefficient,
versus RF frequency, are listed in Table 1. The reference
plane for this data is Pin 1 of the IC, with no external
matching, and the LO is driven at 2.16GHz.
Table 1. RF Input Impedance and S11
(at Pin 1, No External Matching, fLO = 2.16GHz)
FREQUENCY
(GHz)
RF INPUT
IMPEDANCE
S11
MAG
ANGLE
1.6
66.0 + j6.8
0.15
20
1.7
62.4 + j0.5
0.11
2
1.8
57.9 – j3.8
0.08
–24
1.9
53.2 – j6.1
0.07
–59
2.0
48.5 – j8.8
0.09
–95
2.1
40.6 – j9.3
0.14
–130
2.2
35.0 – j0.1
0.18
–180
2.3
39.3 + j3.7
0.13
–201
2.4
41.2 + j3.9
0.11
–207
2.5
41.7 + j4.3
0.10
–211
2.6
42.8 + j4.1
0.09
–212
2.7
44.1 + j3.6
0.07
–213
APPLICATIONS INFORMATION
Figure 5. LO Input Schematic
LO Input
The LO input, shown in Figure 5, is connected to the
primary winding of an integrated transformer. A 50Ω
impedance match is realized at the LO port by adding
an external series capacitor, C2. This capacitor is also
needed for DC blocking if the LO source has DC voltage
present, since the primary side of the LO transformer is
DC-grounded internally. The DC resistance of the primary
is approximately 1.8Ω.
The secondary of the transformer drives a pair of high
speed limiting differential amplifiers for channels A and B.
The LTC5592’s LO amplifiers are optimized for the 1.7GHz
to 2.5GHz LO frequency range; however, LO frequencies
outside this frequency range may be used with degraded
performance.
The LO port is always 50Ω matched when VCC is applied,
even when one or both of the channels is disabled. This
helps to reduce frequency pulling of the LO source when
the mixer is switched between different operating states.
Figure 6 illustrates the LO port return loss for the different
operating modes.
Figure 6. LO Input Return Loss
The nominal LO input level is 0dBm, though the limiting
amplifiers will deliver excellent performance over a ±6dBm
input power range. Table 2 lists the LO input impedance
and input reflection coefficient versus frequency.
Table 2. LO Input Impedance vs Frequency
(at Pin 16, No External Matching, ENA = ENB = High)
FREQUENCY
(GHz)
INPUT
IMPEDANCE
S11
MAG
ANGLE
1.7
46.4 + j34.4
0.34
76
1.8
47.0 + j31.0
0.31
78
1.9
46.5 + J28.2
0.28
81
2.0
44.4 + J26.8
0.28
86
2.1
43.1 + j26.0
0.28
89
2.2
41.8 + j26.2
0.29
91
2.3
40.4 + j27.4
0.31
92
2.4
38.8 + j28.5
0.33
94
2.5
38.0 + j30.4
0.35
93
FREQUENCY (MHz)
1700
–30
–20
–25
–15
–10
0
–5
5592 F06
1900
2100
2300
2500
BOTH CHANNELS ON
ONE CHANNEL ON
BOTH CHANNELS OFF
LO
TO
MIXER B
LTC5592
ISEL
5592 F05
18
LO
16
17
ENA
ENB
C2
14
BIAS
BIAS
TO
MIXER A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com