Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5591 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC5591
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5591 Datasheet(HTML) 5 Page - Linear Technology

  LTC5591 Datasheet HTML 1Page - Linear Technology LTC5591 Datasheet HTML 2Page - Linear Technology LTC5591 Datasheet HTML 3Page - Linear Technology LTC5591 Datasheet HTML 4Page - Linear Technology LTC5591 Datasheet HTML 5Page - Linear Technology LTC5591 Datasheet HTML 6Page - Linear Technology LTC5591 Datasheet HTML 7Page - Linear Technology LTC5591 Datasheet HTML 8Page - Linear Technology LTC5591 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC5592
5
5592f
RF FREQUENCY (MHz)
1900
35
45
2300
5592 G03
40
2100
2500
2700
55
50
–40°C
25°C
85°C
Conversion Gain and IIP3 vs
RF Frequency
SSB NF vs RF Frequency
Channel Isolation vs RF Frequency
1950MHz Conversion Gain, IIP3
and NF vs LO Power
2350MHz Conversion Gain, IIP3
and NF vs LO Power
2550MHz Conversion Gain, IIP3
and NF vs LO Power
Low Side LO
TYPICAL AC PERFORMANCE CHARACTERISTICS
VCC = 3.3V, VCCIF = 3.3V, ENA = ENB = High, ISEL = Low, TC = 25°C, PLO = 0dBm, PRF = –3dBm (–3dBm/tone for two-tone IIP3 tests,
Δf = 2MHz), IF = 190MHz, unless otherwise noted. Test circuit shown in Figure 1.
Conversion Gain, IIP3 and NF vs
Supply Voltage (Single Supply)
Conversion Gain, IIP3 and NF vs
Supply Voltage (Dual Supply)
Conversion Gain, IIP3 and RF Input
P1dB vs Temperature
RF FREQUENCY (MHz)
1900
6
8
10
14
16
18
24
22
20
2000
2200
5592 G01
12
2100
2300 2400 2500 2600 2700
28
26
6
7
8
10
11
12
15
14
13
9
17
16
–40°C
25°C
85°C
105°C
IIP3
GC
6
7
8
10
11
12
15
14
13
5592 G02
9
16
–40°C
25°C
85°C
105°C
RF FREQUENCY (MHz)
1900 2000
2200
2100
2300 2400 2500 2600 2700
LO INPUT POWER (dBm)
–6
6
8
10
14
16
18
24
22
20
26
–4
0
5592 G04
12
–2
2
4
6
28
0
8
12
16
4
20
2
10
14
18
6
22
–40°C
25°C
85°C
NF
GC
IIP3
LO INPUT POWER (dBm)
–6
6
8
10
14
16
18
24
22
20
26
–4
0
5592 G05
12
–2
2
4
6
28
0
8
12
16
4
20
2
10
14
18
6
22
–40°C
25°C
85°C
GC
NF
IIP3
LO INPUT POWER (dBm)
–6
6
8
10
14
16
18
24
22
20
26
–4
0
5592 G06
12
–2
2
4
6
28
0
8
12
16
4
20
2
10
14
18
6
22
–40°C
25°C
85°C
IIP3
GC
NF
VCCIF SUPPLY VOLTAGE (V)
3
6
8
10
14
16
18
24
22
20
26
3.5
4.5
5592 G08
12
4
5
5.5
30
28
0
8
12
16
4
20
2
10
14
18
6
24
22
–40°C
25°C
85°C
IIP3
GC
NF
RF = 2350MHz
VCC = 3.3V
CASE TEMPERATURE (°C)
–40
6
8
10
14
16
18
24
22
20
26
–10
50
5592 G09
12
20
80
110
30
28
IIP3
P1dB
GC
VCCIF = 3.3V
VCCIF = 5V
RF = 2350MHz
VCC, VCCIF SUPPLY VOLTAGE (V)
3
6
8
10
14
16
18
24
22
20
26
3.1
3.3
5592 G07
12
3.2
3.4
3.5
3.6
28
0
8
12
16
4
20
2
10
14
18
6
22
–40°C
25°C
85°C
GC
NF
IIP3
RF = 2350MHz
VCC = VCCIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com