Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF610Z Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # MICRF610Z
Description  868-870MHz ISM Band Transceiver Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF610Z Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button MICRF610Z Datasheet HTML 12Page - Micrel Semiconductor MICRF610Z Datasheet HTML 13Page - Micrel Semiconductor MICRF610Z Datasheet HTML 14Page - Micrel Semiconductor MICRF610Z Datasheet HTML 15Page - Micrel Semiconductor MICRF610Z Datasheet HTML 16Page - Micrel Semiconductor MICRF610Z Datasheet HTML 17Page - Micrel Semiconductor MICRF610Z Datasheet HTML 18Page - Micrel Semiconductor MICRF610Z Datasheet HTML 19Page - Micrel Semiconductor MICRF610Z Datasheet HTML 20Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Micrel, Inc.
MICRF610/MICRF610Z
July 2006
19
M9999-120205
Layout
Layout Considerations
Except for the antenna input/output signal, only digital and
low frequency signals need to interface with the module.
There is therefore no need of years of RF expertise to do a
successful layout, as long as the following few points are
being followed:
Recommended Land Pattern
Figure 14 shows a recommended land pattern that
facilitates both automatic and hand assembling.
•
Proper ground is needed. If the PCB is 2-layer, the
bottom layer should be kept only for ground. Avoid
signal traces that split the ground plane. For a 4-
layer PCB, it is recommended to keep the second
layer only for ground.
•
A ground via should be placed close to all the
ground pins. The bottom ground pad should be
penetrated with 4-16 ground vias.
•
The antenna has an impedance of ~50 ohm. The
antenna trace should be kept to 50 ohm to avoid
signal reflection and loss of performance. Any
transmission line calculator can be used to find the
needed trace width given a board build up. Ex: A
trace width of 44 mil (1.12 mm) gives 50
impedance on a FR4 board (dielectric cons=4.4)
with copper thickness of 35
µm and height (layer 1-
layer 2 spacing) of 0.61 mm.
Figure 14. Recommended Land Pattern (TOP VIEW)
•
RF circuitry is sensitive to voltage supply and
therefore caution should be taken when choosing
power circuitry. To achieve the best performance,
low noise LDO’s with high PSSR should be
chosen. What is present on the voltage supply will
be directly modulated to the RF spectrum causing
degradation and regulatory issues. To make sure
you have the right selection, please contact local
sales for the latest Micrel offerings in power
management and guidance. To avoid “pickup”
from other circuitry on the VDD lines, it is
recommended to route the VDD in a star
configuration with decoupling at each circuitry and
at the common connection point (see above
layout). If there are noisy circuitry in the design, it
is strongly recommended to use a separate power
supply and/or place low value resistors (10ohms),
inductors in series with the power supply line into
these circuitry.
•
Digital high speed logic or noisy circuitry
should/must be at a safe distance from RF
circuitry or RF VDD as this might/will cause
degradation of sensitivity and create spurious
emissions. Example of such circuitry is LCD
display, charge pumps, RS232, clock / data bus
etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com