Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF505L Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MICRF505L
Description  850MHz and 950MHz ISM Band Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505L Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MICRF505L Datasheet HTML 18Page - Micrel Semiconductor MICRF505L Datasheet HTML 19Page - Micrel Semiconductor MICRF505L Datasheet HTML 20Page - Micrel Semiconductor MICRF505L Datasheet HTML 21Page - Micrel Semiconductor MICRF505L Datasheet HTML 22Page - Micrel Semiconductor MICRF505L Datasheet HTML 23Page - Micrel Semiconductor MICRF505L Datasheet HTML 24Page - Micrel Semiconductor MICRF505L Datasheet HTML 25Page - Micrel Semiconductor MICRF505L Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Micrel
MICRF505BML/YML
August 2006
22
M9999-092904
+1 408-944-0800
Switched Capacitor Filter
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0001000
‘1’
ScClk_X2
ScClk5
ScClk4
ScClk3
ScClk2
ScClk1
ScClk0
The main channel filter is a switched-capacitor
implementation of a six-pole elliptic low pass filter.
The elliptic filter minimized the total capacitance
required for a given selectivity and dynamic range.
The cut-off frequency of the switched-capacitor filter
is adjustable by changing the clock frequency.
The clock frequency is designed to be 20 times the
cut-off frequency. The clock frequency is derived
from
the
reference
crystal
oscillator.
A
programmable 6-bit divider divides the frequency of
the crystal oscillator. To generate the correct non-
overlapping clock-phases needed by the filter this
frequency is then divided by 4. The cut-off frequency
of the filter is given by:
fCUT
=
fXCO
40
⋅ ScClk
fCUT: Filter cutoff frequency
fXCO: Crystal oscillator frequency
ScClk: Switched capacitor filter clock, bits
ScClk5-0
For instance, for a crystal frequency of 16MHz and if
the 6 bit divider divides the input frequency by 4 the
cut-off frequency of the SC filter is 16MHz/(40 x 4) =
100kHz. 1
st order RC low pass filters are connected
to the output of the SC filter-to-filter the clock
frequency.
The lowest cutoff frequency in the pre- and the main
channel filter must be set so that the received signal
is passed with no attenuation, which is frequency
deviation plus modulation. If there are any frequency
offset between the transmitter and the receiver, this
must also be taken into consideration. A formula for
the receiver bandwidth can be summarized as
follows:
2
/
Baudrate
f
f
f
DEV
OFFSET
BW
+
+
+
=
where
fBW: Needed receiver bandwidth, fcut above
should not be smaller than fBW [Hz]
fOFFSET: Total frequency offset between
receiver and transmitter [Hz]
fDEV: Single-sided frequency deviation, see
chapter Modulator on how to calculate [Hz]
Baudrate: The baud rate given is bit/sec
RSSI
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000001
Modulation1
Modulation0
‘0’
‘0’
RSSI_en
LD_en
PF_FC1
PF_FC0
RSSI
33kohm, 1nF, 125kbps, BW=200kHz, Vdd=2.5V
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-125
-115
-105
-95
-85
-75
-65
-55
-45
-35
-25
Pin [dBm]
Figure 13. RSSI Voltage
C10
1nF
R2
33k
Pin 14
RSSI
RSSI
Figure 14. RSSI Network
A Typical plot of the RSSI voltage as function of
input power is shown in Figure 13. The RSSI has a
dynamic range of about 50dB from about -110dBm
to -60dBm input power.
The RSSI can be used as a signal presence
indicator. When a RF signal is received, the RSSI
output increases. This could be used to wake up
circuitry that is normally in a sleep mode
configuration to conserve battery life.
Another application for which the RSSI could be
used is to determine if transmit power can be
reduced in a system. If the RSSI detects a strong
signal, if could tell the transmitter to reduce the
transmit power to reduce current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com