Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF506 Datasheet(PDF) 32 Page - Micrel Semiconductor

Part # MICRF506
Description  410MHz and 450MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506 Datasheet(HTML) 32 Page - Micrel Semiconductor

Back Button MICRF506 Datasheet HTML 28Page - Micrel Semiconductor MICRF506 Datasheet HTML 29Page - Micrel Semiconductor MICRF506 Datasheet HTML 30Page - Micrel Semiconductor MICRF506 Datasheet HTML 31Page - Micrel Semiconductor MICRF506 Datasheet HTML 32Page - Micrel Semiconductor MICRF506 Datasheet HTML 33Page - Micrel Semiconductor MICRF506 Datasheet HTML 34Page - Micrel Semiconductor MICRF506 Datasheet HTML 35Page - Micrel Semiconductor MICRF506 Datasheet HTML 36Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Micrel
MICRF506BML/YML
Layout Considerations
The MICRF506 is a highly integrated RF IC with only a few “hot” pins, however it is suggested to study available
reference design on www.micrel.com before starting with schematics and layout.
•
To ensure the best RF design it is important to plan the layout and dedicate area for the different circuitry.
Good RF engineering is to start with the RF circuitry making sure that general RF guidelines are met
(following points). Separate noisy circuitry and RF by placing it on the opposite side maximizing the
distance between the circuitry. The RF circuitry should be placed as close to what is considered the
ground spot (EG battery) to avoid ground currents. Place the RF circuitry in a position that ensure as
short and straight trace to the antenna connection to avoid reflections.
•
Proper ground is needed. If the PCB is 2-layer, the bottom layer should be kept only for ground. Avoid
signal traces that split the ground plane. For a 4-layer PCB, it is recommended to keep the second layer
only for ground.
•
A ground via should be placed close to all the ground pins. The bottom ground (heat sink) pad should be
penetrated with >9 ground via’s. These via’s should be “open” or “plugged” to avoid air pockets caused by
the solder past. If such air pockets appear, the air will expand during the reflow process and may/will
cause the device to twist/move.
•
The antenna pin (pin 5) has an impedance of ~50 ohm. The antenna trace should be kept to 50 ohm to
avoid signal reflection and loss of performance. Minor deviations can be compensated by matching the
LC filter. Any transmission line calculator can be used to find the needed trace width given a board build
up. Ex: A trace width of 75 mil (1.9 mm) gives 50 impedance on a FR4 board (dielectric cons=4.4) with
copper thickness of 35
µm and height (layer 1-layer 2 spacing) of 1.00 mm.
•
RF circuitry is sensitive to voltage supply and therefore caution should be taken when choosing power
circuitry. To achieve the best performance, low noise LDO’s with high PSSR should be chosen. What is
present on the voltage supply will be directly modulated to the RF spectrum causing degradation and
regulatory issues. To make sure you have the right selection, please contact local sales for the latest
Micrel offerings in power management and guidance. To avoid “pickup” from other circuitry on the VDD
lines, it is recommended to route the VDD in a star configuration with decoupling at each circuitry and at
the common connection point (see above layout). If there are noisy circuitry in the design, it is strongly
recommended to use a separate power supply and/or place low value resistors (10ohms), inductors in
series with the power supply line into these circuitry.
•
It is recommended to connect the PLL loop filter to VDD (C1, C3 and R1). The VDD connection should be
placed as close to pin 31 (VCOVDD) as possible. The MICRF506 has a integrated VCO where the
resonator circuit (varactor ) has a reference to VDD. With a common reference point, the MICRF506
(PLL) will somewhat compensate for noise present on the VDD.
•
PLL loop filter components C1, C2, C3, R1 and R2 should have a compact layout and should be placed
as close to pin 27 and 29. Avoid signal traces/bus and noisy circuitry around/close/under this area.
•
Digital high speed logic or noisy circuitry should/must be at a safe distance from RF circuitry or RF VDD
as this might/will cause degradation of sensitivity and create spurious emissions. Example of such
circuitry is LCD display, charge pumps, RS232, clock / data bus etc.
July 2006
32
M9999-092904
+1 408-944-0800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com