Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF220 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF220
Description  300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF220 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF220 Datasheet HTML 1Page - Micrel Semiconductor MICRF220 Datasheet HTML 2Page - Micrel Semiconductor MICRF220 Datasheet HTML 3Page - Micrel Semiconductor MICRF220 Datasheet HTML 4Page - Micrel Semiconductor MICRF220 Datasheet HTML 5Page - Micrel Semiconductor MICRF220 Datasheet HTML 6Page - Micrel Semiconductor MICRF220 Datasheet HTML 7Page - Micrel Semiconductor MICRF220 Datasheet HTML 8Page - Micrel Semiconductor MICRF220 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel, Inc.
MICRF220
August 2010
2
M9999-082610-A
Pin Configuration
MICRF220AYQS
Pin Description
Pin
Number
Pin
Name
Pin Function
1
RO1
Reference resonator connection to the Pierce oscillator. May also be driven by external reference signal of
200mVp-p to 1.5V p-p amplitude maximum. Internal capacitance of 7pF to GND during normal operation.
2
GNDRF
Ground connection for ANT RF input. Connect to PCB ground plane.
3
ANT
Antenna Input: RF Signal Input from Antenna. Internally AC coupled. It is recommended to use a matching
network with an inductor-to-RF ground to improve ESD protection.
4
GNDRF
Ground connection for ANT RF input. Connect to PCB ground plane.
5
VDD
Positive supply connection for all chip functions. Bypass with 0.1μF capacitor located as close to the VDD pin
as possible.
6
SQ
Squelch Control Logic-Level Input. An internal pull-up (5μA typical) pulls the logic-input HIGH when the device
is enabled. A logic LOW on SQ squelches, or reduces, the random activity on DO pin when there is no RF
input signal.
7
SEL0
Demodulator Filter Bandwidth Select Logic-Level Input. This pin has an internal pull-up (3μA typical) when the
chip is on. Use in conjunction with SEL1 to control demodulation bandwidth.
8
SHDN
Shutdown Control Logic-Level Input. A logic-level LOW enables the device. A logic-level HIGH places the
device in low-power shutdown mode. An internal pull-up (5μA typical) pulls the logic input HIGH.
9
GND
Ground connection for all chip functions except for RF input. Connect to PCB ground plane.
10
DO
Data Output. Demodulated data output. A current limited CMOS output during normal operation, 25kΩ pull-
down is present when device is in shutdown.
11
SEL1
Demodulator Filter Bandwidth Select Logic-Level Input. This pin has an internal pull-up (3μA typical) when the
chip is on. Use in conjunction with SEL0 to Demodulation bandwidth.
12
CTH
Demodulation Threshold Voltage Integration Capacitor. Connect a 0.1μF capacitor from CTH pin-to-GND to
provide a stable slicing threshold.
13
CAGC
AGC Filter Capacitor. Connect a capacitor from this pin to GND. Refer to the AGC Loop and CAGC section for
information on the capacitor value.
14
RSSI
Received Signal Strength Indicator. The voltage on this pin is an inversed amplified version of the voltage on
CAGC. Output is from a switched capacitor integrating op amp with 250Ω typical output impedance.
15
NC
No Connect. Leave this pin floating.
16
RO2
Reference resonator connection to the Pierce oscillator. Internal capacitance of 7pF to GND during normal
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com