Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF102 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF102
Description  QwikRadio??UHF ASK Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF102 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF102 Datasheet HTML 1Page - Micrel Semiconductor MICRF102 Datasheet HTML 2Page - Micrel Semiconductor MICRF102 Datasheet HTML 3Page - Micrel Semiconductor MICRF102 Datasheet HTML 4Page - Micrel Semiconductor MICRF102 Datasheet HTML 5Page - Micrel Semiconductor MICRF102 Datasheet HTML 6Page - Micrel Semiconductor MICRF102 Datasheet HTML 7Page - Micrel Semiconductor MICRF102 Datasheet HTML 8Page - Micrel Semiconductor MICRF102 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
December 2006
3
MICRF102
MICRF102
Micrel
Electrical Characteristics (Note 4)
Specifications apply for 4.75V < VDD < 5.5V, VPC = 0.35V, TA = 25°C, freqREFOSC = 12.1875MHz, STBY = VDD. Bold values indicate
-40°C ≤ TA ≤ 85°C unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Units
Power Supply
Standby Supply Current, IQ
VSTBY < 0.5V, VASK < 0.5V or VASK > VDD – 0.5V
0.04
µA
MARK Supply Current, ION
@315MHz, Note 5
6
10.5
mA
@433MHz, Note 5
8
12
mA
SPACE Supply Current, IOFF
@315MHz
4
6
mA
@433MHz
6
8.5
mA
Mean Operating Current
33% mark/space ratio at 315MHz, Note 5
4.7
mA
33% mark/space ratio at 433MHz, Note 5
6.7
mA
RF Output Section and Modulation Limits:
Output Power Level, POUT
@315MHz; Note 5, Note 6
–4
dBm
@433MHz; Note 5, Note 6
–4
dBm
Harmonics Output, Note 7
@315MHz
2nd harm.
–46
dBc
3rd harm.
–45
@433 MHz
2nd harm.
–50
dBc
3rd harm.
–41
Extinction Ratio for ASK
40
52
dBc
Varactor Tuning Range
Note 8
3
5
7
pF
Reference Oscillator Section
Reference Oscillator Input
300
kΩ
Impedance
Reference Oscillator Source
6
µA
Current
Reference Oscillator Input
0.2
0.5
VPP
Voltage (peak-to-peak)
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
Specification for packaged product only.
Note 5.
Supply current and output power are a function of the voltage input on the PC (power control) pin. All specifications in the “Electrical Charac-
teristics”
table applies for condition VPC = 350mV. Increasing the voltage on the PC pin will increase transmit power and also increase MARK
supply current. Refer to the graphs “Output Power Versus PC Pin Voltage” and “Mark Current Versus PC Pin Voltage.”
Note 6.
Output power specified into a 50Ω equivalent load using the test circuit in Figure 2.
Note 7.
The MICRF102 was tested to be compliant to part 15.231 for maximum allowable TX power. The transmitted power is measured 3 meters
from the antenna using transmitter board TX102-2A in Figure 1. Measurement results are summarized in Table 1.
Note 8.
The Varactor capacitance tuning range indicates the allowable external antenna component variation to maintain tun-over-normal production
tolerances of external components. Guaranteed by design, not tested in production.
Absolute Maximum Ratings (Note 1)
Supply Voltage(VDD)......................................................+6V
Voltage on I/O Pins...............................VSS–0.3 to VDD+0.3
Storage Temperature Range ................... –65°C to + 150°C
Lead Temperature (soldering, 10 seconds) ............ + 300°C
ESD Rating............................................................... Note 3
Operating Ratings (Note 2)
Supply Voltage (VDD)......................................4.75V to 5.5V
Maximum Supply Ripple Voltage................................ 10mV
PC Input Range.............................. 150mV < VPC < 350mV
Ambient Operating Temperature (TA) .......... -40°C to +85°C
Programmable Transmitter Frequency Range:
......................................................300MHz to 470MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com