Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCDF124D1MH Datasheet(PDF) 1 Page - Tyco Electronics

Part # PCDF124D1MH
Description  15 Amp Low Profile Power PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCDF124D1MH Datasheet(HTML) 1 Page - Tyco Electronics

  PCDF124D1MH Datasheet HTML 1Page - Tyco Electronics PCDF124D1MH Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
424
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
OEG
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• Low profile (10mm), 15 Amp switching capacity.
• 1 Form A contact arrangement.
• Sensitive 200mW coil (250mW on 48VDC coil).
• Immersion cleanable, sealed version available.
• Quick connect terminals available (PCDF).
PCD/PCDF series
15 Amp Low Profile
Power PC Board Relay
Appliances, HVAC, Office Machines
UL File No. E82292
CSA File No. LR48471
TUV File No. R9751117
Initial Insulation Resistance
Between Mutually Insulated Elements: 1,000M ohms min. @ 500VDCM.
Mechanical Data
Termination: PCD: Printed circuit terminals.
PCDF: Printed circuit terminals and quick connect terminals.
Enclosure (94V-0 Flammability Ratings): Sealed plastic case.
Weight: PCD: 0.31 oz (9g) approximately.
PCDF: 0.35 oz (10g) approximately.
Coil Data @ 20
°C
Operate Data
Must Operate Voltage: 75% of nominal voltage or less.
Must Release Voltage: 10% of nominal voltage or more.
Operate Time:15 ms max.
Release Time: 8 ms max.
Environmental Data
Temperature Range:
Operating: -30
°C to +70°C
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 1,000m/s2 (100G approximately).
Operational: 100m/s2 (10G approximately).
Operating Humidity: 20 to 85% RH. (Non-condensing).
Initial Dielectric Strength
Between Open Contacts: 750VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 2,500VAC 50/60 Hz. (1 minute).
Surge Voltage Between Coil and Contacts: 5,000V (1.2 / 50
µs).
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO).
Material: AgSnO.
Max. Switching Rate: 300 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations (no load).
Expected Electrical Life: 100,000 operations (rated load).
Minimum Load: 100mA @ 5VDC.
Initial Contact Resistance: 100 milliohms @ 1A, 6VDC.
Coil Data
Voltage: 5 to 48VDC.
Nominal Power: 200 mW except 48VDC coil (250mW).
Coil Temperature Rise: 20
°C max., at rated coil voltage.
Max. Coil Power: 130% of nominal.
Duty Cycle: Continuous.
Contact Ratings
Ratings: 15A @ 125VAC resistive (PCDF only, load must be carried
through QC terminals to achieve this rating),
10A @ 250VAC resistive,
10A @ 24VDC resistive.
5A @ 125VAC inductive (cosø= 0.4, L/R=7msec),
5A @ 24VDC inductive (cosø= 0.4, L/R=7msec).
Max. Switched Voltage: AC: 250V.
DC: 24V.
Max. Switched Current: 15A.
Max. Switched Power: 1,800VA, 240W.
PCD &PCDF
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
5
40.0
125
3.75
0.50
6
33.3
180
4.50
0.60
9
22.5
400
6.75
0.90
12
17.0
720
9.00
1.20
24
8.6
2,880
18.00
2.40
48
5.2
9,200
36.00
4.80
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - PCDF124D1MH

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PCDF1065G1 PANJIT-PCDF1065G1 Datasheet
493Kb / 5P
Silicon Carbide Schottky Barrier Diode
November 21,2023 PCDF1065G1-REV.00
More results

Similar Description - PCDF124D1MH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCD-PCDF MACOM-PCD-PCDF Datasheet
77Kb / 2P
15 Amp Low Profile Power PC Board Relay
SRUUH MACOM-SRUUH Datasheet
46Kb / 2P
15 Amp Miniature Power PC Board Relay
logo
ZETTLER Electronics
AZ943S ZETTLER-AZ943S Datasheet
57Kb / 2P
15 AMP MINIATURE PC BOARD RELAY SMT
AZ943 ZETTLER-AZ943 Datasheet
45Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ932 AZETTLER-AZ932 Datasheet
176Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
AZ943 AZETTLER-AZ943 Datasheet
109Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
AZ943H AZETTLER-AZ943H Datasheet
116Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
AZ943S AZETTLER-AZ943S Datasheet
136Kb / 2P
15 AMP (SMT) MINIATURE PC BOARD RELAY
AZ9431 AZETTLER-AZ9431 Datasheet
106Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943_14 Datasheet
63Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com