Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE148D1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PCE148D1
Description  10 Amp Miniature Power PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCE148D1 Datasheet(HTML) 2 Page - Tyco Electronics

  PCE148D1 Datasheet HTML 1Page - Tyco Electronics PCE148D1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
437
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
Wiring Diagram (Bottom View)
Outline Dimensions
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
PCE
-1
24
D
1
M
,000
1. Basic Series:
PCE = Miniature Power PC board relay.
2. Termination:
1 = 1 pole
3. Coil Voltage:
06 = 6VDC
12 = 12VDC
48 = 48VDC
09 = 9VDC
24 = 24VDC
4. Coil Input:
D = Standard
5. Contact Material:
1 = AgCdO
2 = AgSnO
6. Contact Arrangement:
Blank = 1 Form C, SPDT
M = 1 Form A, SPST-NO
7. Enclosure:
Blank = Flux-tight plastic case.
H = Sealed plastic case with knock-off nib for ventilation
8. Suffix:
,000 = Standard model
Other Suffix = Custom model
.646
± .02
(16.4
± .5)
.48
± .008
(12.2
± .2)
.039
(1.0)
.216
± .008
(5.5
± .2)
.63
± .02
(16.0
± .5)
.866
± .02
(22.0
± .5)
.012
(.3)
.039
(1.0)
.016
(.4)
.079
± .008
(2.0
± .2)
.138
± .012
(3.5
± .3)
.039
(1.0)
.016
(.4)
.016
(.4)
.47
± .008
(12.0
± .2)
.48
± .004
(12.2
± .1)
5 – .05 DIA
(1.3)
.472
± .004
(12.0
± .1)
.079
± .008
(2.0
± .2)
PCE-112D1MH,000
PCE-124D1MH,000
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
PCE-112D1H,000
PCE-124D1H,000
Socket
.167 MAX.
(4.25)
.270 MAX.
(6.85)
.916 MAX.
(23.35)
.660 MAX.
(16.75)
.016 TYP.
(.40)
27E1064 socket is rated 10A @ 300VAC. UL Recognized for US and
Canada. Designed to fit same suggested board layout as relay.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com