Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5325 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5325
Description  Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5325 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5325 Datasheet HTML 1Page - Micrel Semiconductor MIC5325 Datasheet HTML 2Page - Micrel Semiconductor MIC5325 Datasheet HTML 3Page - Micrel Semiconductor MIC5325 Datasheet HTML 4Page - Micrel Semiconductor MIC5325 Datasheet HTML 5Page - Micrel Semiconductor MIC5325 Datasheet HTML 6Page - Micrel Semiconductor MIC5325 Datasheet HTML 7Page - Micrel Semiconductor MIC5325 Datasheet HTML 8Page - Micrel Semiconductor MIC5325 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC5325
March 2011
2
M9999-030811-C
Ordering Information
Part Number
Marking Code
Output
Voltage
Temperature Range
Package
Lead Finish
MIC5325-1.2YMT
QG4
1.2V
–40°C to +125°C
6-Pin 2mm x 2mm Thin MLF
®
Pb-Free
MIC5325-1.5YMT
QGF
1.5V
–40°C to +125°C
6-Pin 2mm x 2mm Thin MLF
®
Pb-Free
MIC5325-1.8YMT
QGG
1.8V
–40°C to +125°C
6-Pin 2mm x 2mm Thin MLF
®
Pb-Free
MIC5325-3.6YMT
QGV
3.6V
–40°C to +125°C
6-Pin 2mm x 2mm Thin MLF
®
Pb-Free
Notes:
1.
Other voltages available. Contact Micrel for details.
2.
▲ = Pin 1 identifier.
Pin Configuration
6-Pin 2mm x 2mm Thin MLF
® (MT)
Pin Description
Pin
Number
Pin Name
Pin Function
1
VBIAS
Bias Input Voltage.
2
GND
Ground
3
IN
Power Input for LDO.
4
OUT
Output of regulator.
5
BYP
Bypass: Connect a capacitor to ground to reduce noise and reduce ripple rejection.
6
EN
Enable Input: Active High Input. Logic High = On; Logic Low = Off. Do not leave floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com