Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE148D2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PCE148D2
Description  10 Amp Miniature Power PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCE148D2 Datasheet(HTML) 1 Page - Tyco Electronics

  PCE148D2 Datasheet HTML 1Page - Tyco Electronics PCE148D2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
436
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Reference Data
Coil Temperature Rise
Operate Time
Life Expectancy
100
2
Contact Current (A)
10
1
4
6
8
10
12
0
-30 -10
Ambient Temp. (
°C)
20
10 30 50 70
90 110
40
60
80
100
120
140
160
0
180
130 150
Operating
Votage Range
Pick-Up Voltage
Cool Coil
Hot Coil 10A Applied
Maximum
Allowable
Coil Voltage
12
10
8
6
4
2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
Release Time
Operate Time
28VDC Resistive
240VAC Resistive
Note: This data is based on the max. allowable
temperature for E type insulation coil (115
°C).
Features
• Small, low profile package, 10 Amp switching capacity.
• 1 Form A and 1 Form C contact arrangements.
• UL Class F (155
°C) insulation system standard
• Immersion cleanable, sealed version available.
• Applications include appliance, HVAC, security system, garage opener
control, emergency lighting.
PCE series
10 Amp Miniature
Power PC Board Relay
Appliances, HVAC, Office Machines
UL File No. E82292
CSA File No. LR48471
VDE File No. 6175
Initial Insulation Resistance
Between Mutually Insulated Elements: 1,000M ohms min. @ 500VDCM.
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings):
PCE: Sealed plastic case with knock-off nib for ventilation
Weight: 0.32 oz (11g) approximately.
Coil Data @ 20
°C
Operate Data
Must Operate Voltage: 75% of nominal voltage or less.
Must Release Voltage: 5% of nominal voltage or more.
Operate Time: 10 ms max.
Release Time: 5 ms max.
Environmental Data
Temperature Range:
Operating: -30
°C to +70°C
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 1,000m/s2 (100G approximately).
Operational: 100m/s2 (10G approximately).
Operating Humidity: 20 to 85% RH. (Non-condensing).
Initial Dielectric Strength
Between Open Contacts: 750VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 2,000VAC 50/60 Hz. (1 minute).
Surge Voltage Between Coil and Contacts: 4,000V (1.2 / 50
µs).
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT).
Material: Ag Alloy, AgSnO.
Max. Switching Rate: 300 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations (no load).
Expected Electrical Life: 100,000 operations (rated load).
Minimum Load: 100mA @ 5VDC.
Initial Contact Resistance: 100 milliohms @ 1A, 6VDC.
Coil Data
Voltage: 6 to 48VDC.
Nominal Power: 360 mW
Coil Temperature Rise: 35
°C max., at rated coil voltage.
Max. Coil Power: 130% of nominal.
Duty Cycle: Continuous.
Contact Ratings
Ratings: 10A @ 250VAC resistive,
10A @ 120VAC resistive,
10A @ 28VDC resistive.
3A @ 250VAC inductive (cosø= 0.4),
3A @ 120VAC inductive (cosø= 0.4),
3A @ 28VDC inductive (L/R=7msec).
Max. Switched Voltage: AC: 250V.
DC: 28V.
Max. Switched Current: 10A.
Max. Switched Power: 2,500VA, 280W.
PCE
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
6
60
100
4.50
0.30
9
40
225
6.75
0.45
12
30
400
9.00
0.60
24
15
1,600
18.00
1.20
48
7
6,400
36.00
2.40
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - PCE148D2

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-007 PCE-PCE-007 Datasheet
195Kb / 2P
Anemometer PCE-007
PCE-010 PCE-PCE-010 Datasheet
151Kb / 2P
Handheld Refractometer PCE-010
PCE-0100 PCE-PCE-0100 Datasheet
152Kb / 2P
Handheld Refractometer PCE-0100 Salinity
PCE-018 PCE-PCE-018 Datasheet
153Kb / 2P
Handheld Refractometer PCE-018 Wine / Juice
PCE-032 PCE-PCE-032 Datasheet
152Kb / 2P
Handheld Refractometer PCE-032 Mulled Wine / Juice
More results

Similar Description - PCE148D2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OUDH ETC1-OUDH Datasheet
34Kb / 2P
10 Amp Miniature, Sealed PC Board Relay
logo
American Zettler, Inc.
AZ962 AZETTLER-AZ962 Datasheet
60Kb / 2P
10 AMP MINIATURE PC BOARD RELAY
AZ9621 AZETTLER-AZ9621 Datasheet
96Kb / 2P
10 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OJ-SH-105HM MACOM-OJ-SH-105HM Datasheet
72Kb / 2P
3-10 Amp Miniature,PC Board Relay
ORWH-SH-112DM MACOM-ORWH-SH-112DM Datasheet
49Kb / 2P
10 Amp Miniature Power PC Board Relay
SDT-S-112LMR MACOM-SDT-S-112LMR Datasheet
131Kb / 2P
10 Amp Miniature Power PC Board Relay
SDT-SS-112DM MACOM-SDT-SS-112DM Datasheet
173Kb / 2P
10 Amp Miniature Power PC Board Relay
2-1393222-9 MACOM-2-1393222-9 Datasheet
89Kb / 2P
10 Amp, PC Board Miniature Relay
2-1393223-8 MACOM-2-1393223-8 Datasheet
89Kb / 2P
10 Amp, PC Board Miniature Relay
SDT MACOM-SDT Datasheet
173Kb / 2P
10 Amp Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com