Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5330-2.85/2.85YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5330-2.85/2.85YML
Description  Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5330-2.85/2.85YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5330-2.85/2.85YML Datasheet HTML 1Page - Micrel Semiconductor MIC5330-2.85/2.85YML Datasheet HTML 2Page - Micrel Semiconductor MIC5330-2.85/2.85YML Datasheet HTML 3Page - Micrel Semiconductor MIC5330-2.85/2.85YML Datasheet HTML 4Page - Micrel Semiconductor MIC5330-2.85/2.85YML Datasheet HTML 5Page - Micrel Semiconductor MIC5330-2.85/2.85YML Datasheet HTML 6Page - Micrel Semiconductor MIC5330-2.85/2.85YML Datasheet HTML 7Page - Micrel Semiconductor MIC5330-2.85/2.85YML Datasheet HTML 8Page - Micrel Semiconductor MIC5330-2.85/2.85YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
MIC5330
March 2011
4
M9999-032311-
Pin Configuration
8-Pin 2mm x 2mm MLF (ML)
Top View
Pin Description
Pin Number
MLF-8
Pin Name
Pin Function
1
VIN
Supply Input.
2
GND
Ground
3
BYP
Reference Bypass: Connect external 0.1µF to GND to reduce output noise.
May be left open when bypass capacitor is not required.
4
EN2
Enable Input (regulator 2). Active High Input. Logic High = On; Logic Low = Off;
Do not leave floating.
5
EN1
Enable Input (regulator 1). Active High Input. Logic High = On; Logic Low = Off;
Do not leave floating.
6
NC
Not internally connected
7
VOUT2
Regulator Output – LDO2
8
VOUT1
Regulator Output – LDO1
–
EP
Exposed Pad. Connect EP to GND.
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com