Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5162 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC5162
Description  Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5162 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC5162 Datasheet HTML 9Page - Micrel Semiconductor MIC5162 Datasheet HTML 10Page - Micrel Semiconductor MIC5162 Datasheet HTML 11Page - Micrel Semiconductor MIC5162 Datasheet HTML 12Page - Micrel Semiconductor MIC5162 Datasheet HTML 13Page - Micrel Semiconductor MIC5162 Datasheet HTML 14Page - Micrel Semiconductor MIC5162 Datasheet HTML 15Page - Micrel Semiconductor MIC5162 Datasheet HTML 16Page - Micrel Semiconductor MIC5162 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Micrel, Inc.
MIC5162
March 2010
13
M9999-033110
Design Example
Micrel’s MIC5162 as a DDR3 Memory Termination Device for 3.5A Application (VDDQ and MOSFET Input Tied Together)
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
GRM21BR60J226ME39L
Murata
(1)
C2012X5R0J226M
TDK
(2)
C1, C2,
C3, C4
08056D226MAT2A
AVX
(3)
22 F, 6.3V, Ceramic capacitor, X5R, 0805
4
GRM188R60J106ME47D
Murata
(1)
C1608X5R0J106M
TDK
(2)
C5
06036D106MAT2A
AVX
(3)
10 F, 6.3V, Ceramic capacitor, X5R, 0603
1
GRM1885C1H390JA01D
Murata
(1)
39pF, 50V, Ceramic capacitor, NPO, 0603
C6
C1608C0G1H390J
TDK
(2)
39pF, 25V, Ceramic capacitor, NPO, 0603
1
C7
06035C101MAT2A
AVX
(3)
100pF, 50V, Ceramic capacitor, X7R, 0603
1
C8
GRM188R71H391KA01D
Murata
(1)
390pF, 50V, Ceramic capacitor, X7R, 0603
1
GRM31CR60J476ME19L
Murata
(1)
C3216X5R0J476M
TDK
(2)
C9, C10
12066D476MAT2A
AVX
(3)
47 F, 6.3V, Ceramic capacitor, X5R, 1206
2
C13
GRM188R71H102KA01D
Murata
(1)
1nF, 50V, Ceramic capacitor, X7R, 0603
1
C14
GRM188R71H103KA01D
Murata
(1)
10nF, 50V, Ceramic capacitor, X7R, 0603
1
0603ZD105KAT2A
AVX
(3)
C22
GRM188R61A105K
Murata
(1)
1 F, 10V, Ceramic capacitor, X5R, 0603
1
VJ0603A121JXACW1BC
Vishay
(4)
C23, C12
06033A121JAT2A
AVX
(3)
120pF, 25V, Ceramic capacitor, NPO, 0603
2
VJ0603Y221KXACW1BC
Vishay
(4)
220pF, 50V, Ceramic capacitor, X7R, 0603
C27
06033C221JAT2A
AVX
(3)
220pF, 25V, Ceramic capacitor, X7R, 0603
1
C26
TCJB107M006R0070
AVX
(3)
100 F, 6.3V, Tantalum capacitor, 1210
1
C24, C11
N.U. 0603 ceramic cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com