Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5017BWM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5017BWM
Description  Low-Cost Dual High- or Low-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5017BWM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5017BWM Datasheet HTML 1Page - Micrel Semiconductor MIC5017BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5017BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5017BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5017BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5017BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5017BWM Datasheet HTML 7Page - Micrel Semiconductor MIC5017BWM Datasheet HTML 8Page - Micrel Semiconductor MIC5017BWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC5016/5017
Micrel
MIC5016/5017
2
October 1998
Block Diagram 1 of 2 Drivers per Package
Charge Pump
V+
*
Input
Ground
Source
Gate
15V
* Inverting version only
Connection Diagram
16-pin Wide SOIC
14-pin DIP
2
3
4
5
6
7
1
13
12
11
10
9
8
14
NC
Source A
Gnd
Gate A
Source B
Gate B
NC
NC
NC
V+ B
In B
V+ A
NC
In A
N, J
2
3
4
5
6
7
8
1
15
14
13
12
11
10
9
16
NC
Source A
Gnd
Gate A
Source B
Gate B
NC
NC
NC
NC
NC
V+ B
In B
V+ A
NC
In A
WM
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
N, J Package
WM Package
12
14
V+A
Supply Pin A. Must be decoupled to isolate large transients caused by power
MOSFET drain. 10
µF is recommended close to pins 12 and/or 10 and
ground. V+A and V+B may be connected to separate supplies.
10
12
V+B
Supply Pin B. See V+A.
14
16
Input A
Turns on power MOSFET A when asserted. Requires approximately 1
µA to
switch.
11
13
Input B
Turns on power MOSFET B. See Input A.
4
4
Gate A
Drives and clamps the gate of power MOSFET A
6
6
Gate B
Drives and clamps the gate of power MOSFET B
2
2
Source A
Connects the source lead of MOSFET A
5
5
Source B
Connects the source lead of MOSFET B
3
3
Gnd
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com