Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4832 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4832
Description  Low Noise 220VPP EL Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4832 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4832 Datasheet HTML 1Page - Micrel Semiconductor MIC4832 Datasheet HTML 2Page - Micrel Semiconductor MIC4832 Datasheet HTML 3Page - Micrel Semiconductor MIC4832 Datasheet HTML 4Page - Micrel Semiconductor MIC4832 Datasheet HTML 5Page - Micrel Semiconductor MIC4832 Datasheet HTML 6Page - Micrel Semiconductor MIC4832 Datasheet HTML 7Page - Micrel Semiconductor MIC4832 Datasheet HTML 8Page - Micrel Semiconductor MIC4832 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel
MIC4832
March 2009
2
M9999-033109-C
Ordering Information
Part Number
Junction Temp. Range
Package
Lead Finish
MIC4832YML
–40° to +85°C
8-Pin 3mm × 3mm MLF
®
RoHS Compliant / Pb-Free / Halogen Free*
MIC4832YMM
–40° to +85°C
8-Pin MSOP
RoHS Compliant / Pb-Free
Note
*MLF
® is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
8-Pin MSOP (MM)
8-Pin 3mm × 3mm MLF® (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1
VDD
Supply (Input): 1.8V to 5.5V for internal circuitry.
2
RSW
Switch Resistor (External Component): Set switch frequency of the internal
power MOSFET by connecting an external resistor to VDD. Connecting the
external resistor to GND disables the switch oscillator and shuts down the
device.
3
REL
EL Resistor (External Component): Set EL frequency of the internal H-bridge
driver by connecting an external resistor to VDD. Connecting the external
resistor to GND disables the EL oscillator.
4
GND
Ground
5
SW
Switch Node (Input): Internal high-voltage power MOSFET drain.
6
CS
Regulated Boost Output (External Component): Connect to the output capacitor
of the boost regulator and connect to the cathode of the diode.
7
VB
EL Output: Connect to one end of the EL lamp. Polarity is not important.
8
VA
EL Output: Connect to one end of the EL lamp. Polarity is not important.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com