Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2807 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2807
Description  RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2807 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2807 Datasheet HTML 1Page - Micrel Semiconductor MIC2807 Datasheet HTML 2Page - Micrel Semiconductor MIC2807 Datasheet HTML 3Page - Micrel Semiconductor MIC2807 Datasheet HTML 4Page - Micrel Semiconductor MIC2807 Datasheet HTML 5Page - Micrel Semiconductor MIC2807 Datasheet HTML 6Page - Micrel Semiconductor MIC2807 Datasheet HTML 7Page - Micrel Semiconductor MIC2807 Datasheet HTML 8Page - Micrel Semiconductor MIC2807 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel, Inc.
MIC2807
February 2008
2
M9999-022008-B
Ordering Information
Part Number
Marking
Code*
LDO1/LDO2
Voltage**
Junction
Temp. Range
Package
Lead Finish
MIC2807-JJYML
YJJJ
2.5V/2.5V
–40°C to +125°C
17-Pin 2.5mm x 2.8mm MLF
®
Pb-Free
MIC2807-MMYML
YJMM
2.8V/2.8V
–40°C to +125°C
17-Pin 2.5mm x 2.8mm MLF
®
Pb-Free
MIC2807-NNYML
YJNN
2.85V/2.85V
–40°C to +125°C
17-Pin 2.5mm x 2.8mm MLF
®
Pb-Free
MIC2807-OOYML
YJOO
2.9V/2.9V
–40°C to +125°C
17-Pin 2.5mm x 2.8mm MLF
®
Pb-Free
Notes:
MLF® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
* Over bar (
) symbol may not be to scale.
** Other voltage options available. Please contact Micrel for details.
Pin Configuration
17-Pin 2.5mm x 2.8mm MLF
® (ML)
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com