Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3975YMM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC3975YMM
Description  750mA 關Cap Low-Voltage Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3975YMM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC3975YMM Datasheet HTML 1Page - Micrel Semiconductor MIC3975YMM Datasheet HTML 2Page - Micrel Semiconductor MIC3975YMM Datasheet HTML 3Page - Micrel Semiconductor MIC3975YMM Datasheet HTML 4Page - Micrel Semiconductor MIC3975YMM Datasheet HTML 5Page - Micrel Semiconductor MIC3975YMM Datasheet HTML 6Page - Micrel Semiconductor MIC3975YMM Datasheet HTML 7Page - Micrel Semiconductor MIC3975YMM Datasheet HTML 8Page - Micrel Semiconductor MIC3975YMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
February 2005
1
MIC3975
MIC3975
Micrel
Ordering Information
Part Number
Standard
Pb-Free
Voltage Junction Temp. Range
Package
MIC3975-1.65BMM
MIC3975-1.65YMM
1.65V
–40°C to +125°C
MSOP-8
MIC3975-1.8BMM
MIC3975-1.8YMM
1.8V
–40°C to +125°C
MSOP-8
MIC3975-2.5BMM
MIC3975-2.5YMM
2.5V
–40°C to +125°C
MSOP-8
MIC3975-3.0BMM
MIC3975-3.0YMM
3.0V
–40°C to +125°C
MSOP-8
MIC3975-3.3BMM
MIC3975-3.3YMM
3.3V
–40°C to +125°C
MSOP-8
MIC3975-5.0BMM
MIC3975-5.0YMM
5.0V
–40°C to +125°C
MSOP-8
MIC3975BMM
MIC3975YMM
Adj.
–40°C to +125°C
MSOP-8
MIC3975
750mA µCap Low-Voltage Low-Dropout Regulator
General Description
The MIC3975 is a 750mA low-dropout linear voltage regula-
tors that provide low-voltage, high-current output from an
extremely small package. Utilizing Micrel’s proprietary Super
β
eta PNP™ pass element, the MIC3975 offers extremely low
dropout (typically 300mV at 750mA) and low ground current
(typically 6.5mA at 750mA).
The MIC3975 is ideal for PC add-in cards that need to con-
vert from standard 5V to 3.3V or 3.0V, 3.3V to 2.5V or 2.5V
to 1.8V or 1.65V. A guaranteed maximum dropout voltage
of 500mV over all operating conditions allows the MIC3975
to provide 2.5V from a supply as low as 3.0V and 1.8V or
1.65V from a supply as low as 2.25V.
The MIC3975 is fully protected with overcurrent limiting,
thermal shutdown, and reversed-battery protection. Fixed
voltages of 5.0V, 3.3V, 3.0, 2.5V, 1.8V, and 1.65V are avail-
able. An adjustable output voltage option is available for
voltages down to 1.24V.
For other voltages, contact Micrel.
Typical Applications
Features
• Fixed and adjustable output voltages to 1.24V
• 300mV typical dropout at 750mA
Ideal for 3.0V to 2.5V conversion
Ideal for 2.5V to 1.8V or 1.65V conversion
• Stable with ceramic capacitor
• 750mA minimum guaranteed output current
• 1% initial accuracy
• Low ground current
• Current limiting and thermal shutdown
• Reversed-battery protection
• Reversed-leakage protection
• Fast transient response
• Low-profile MSOP-8
Applications
• Fiber optic modules
• LDO linear regulator for PC add-in cards
• PowerPC™ power supplies
• High-efficiency linear power supplies
• SMPS post regulator
• Multimedia and PC processor supplies
• Battery chargers
• Low-voltage microcontrollers and digital logic
Super βeta PNP is a trademark of Micrel, Inc.
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
IN
R1
100k
2.5V
Error
Flag
Output
VIN
3.3V
10F
ceramic
EN
OUT
FLG
GND
MIC3975-2.5BMM
ENABLE
SHUTDOWN
2.5V/750mA Regulator with Error Flag
IN
R1
1.5V
VIN
2.5V
10F
ceramic
R2
EN
OUT
ADJ
GND
MIC3975BMM
ENABLE
SHUTDOWN
1.5V/750mA Adjustable Regulator


Similar Part No. - MIC3975YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
750mA UCap Low-Voltage Low-Dropout Regulator
MIC3975-1.65BMM MICREL-MIC3975-1.65BMM Datasheet
104Kb / 12P
750mA UCap Low-Voltage Low-Dropout Regulator
MIC3975-1.8BMM MICREL-MIC3975-1.8BMM Datasheet
104Kb / 12P
750mA UCap Low-Voltage Low-Dropout Regulator
MIC3975-2.5BMM MICREL-MIC3975-2.5BMM Datasheet
104Kb / 12P
750mA UCap Low-Voltage Low-Dropout Regulator
MIC3975-3.0BMM MICREL-MIC3975-3.0BMM Datasheet
104Kb / 12P
750mA UCap Low-Voltage Low-Dropout Regulator
More results

Similar Description - MIC3975YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2937A MICREL-MIC2937A Datasheet
128Kb / 9P
750mA Low-Dropout Voltage Regulator
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
關Cap??80mA Low-Dropout Voltage Regulator
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
750mA UCap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
750mA UCap Low-Voltage Low-Dropout Regulator
MIC2937A MICREL-MIC2937A_06 Datasheet
254Kb / 12P
750mA Low-Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
750mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
MIC2937 MICREL-MIC2937 Datasheet
257Kb / 12P
750mA Low-Dropout Voltage Regulator
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
關Cap Negative Low Dropout Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com