Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2782EMYCS Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2782EMYCS
Description  Dual-Input Push Button Reset IC with Immediate and Delayed Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2782EMYCS Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2782EMYCS Datasheet HTML 1Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 2Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 3Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 4Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 5Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 6Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 7Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 8Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Micrel, Inc.
MIC2782
January 2012
3
M9999-010912-A
Chip Scale Package (CS) Bump Configuration
Y = Year Code
WW = Week Code
TOP VIEW
TOP VIEW (BUMP SIDE DOWN)
BOTTOM VIEW (BUMP SIDE UP)
6-Bump, 0.4mm pitch, 0.8mm x 1.2mm WLCSP Package
Bump
Designation
Bump
Name
Pin Function
A1
ANDOUT
NMOS Open-Drain output, Active-Low. Asserts low 1.5ms after /MR1 and /MR2 are both asserted low.
Connect a resistor greater than 5k
 from the ANDOUT pin to VDD in order to pull up the ANDOUT
output voltage when inactive. No ESD diode from ANDOUT to VDD. Please see the Functional
Description and Timing Diagram sections for further details of how the ANDOUT output functions.
A2
/MR2
Manual Reset Input 2, Active-Low. Internal 65k
 (typical) Pull-Up Resistor to VDD. Pulling both manual
reset inputs low for longer than the setup period causes one RESET output pulse for the reset timeout
delay period.
B1
RESET
NMOS Open-Drain output, Active-Low. Asserts low after /MR1 and /MR2 have both asserted low for
longer than setup period. Connect a resistor greater than 5k
 from the RESET pin to VDD in order to
pull up the RESET output voltage when inactive. No ESD diode from RESET to VDD. Please see the
Functional Description and Timing Diagram sections for further details of how the RESET output
functions.
B2
/MR1
Manual Reset Input 1, Active-Low. Internal 65k
 (typical) Pull-Up Resistor to VDD. Pulling both manual
reset inputs low for longer than the setup period causes one RESET output pulse for the reset timeout
delay period.
C1
VDD
Supply Voltage. Bypass to ground with minimum 0.1µF capacitor.
C2
GND
Supply Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com