Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2782FLYCS Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2782FLYCS
Description  Dual-Input Push Button Reset IC with Immediate and Delayed Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2782FLYCS Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2782FLYCS Datasheet HTML 1Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 2Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 3Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 4Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 5Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 6Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 7Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 8Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Micrel, Inc.
MIC2782
January 2012
2
M9999-010912-A
Ordering Information
Part Number
Part Marking
Setup Period
(tSETUP)
(s)
Reset Timeout Period
(tRESET)
(s)
Package
MIC2782CLYCS
(1)
-
6
0.5
6-bump, 0.4mm pitch, 0.8mm x 1.2mm WLCSP
MIC2782CMYCS
(1)
-
6
1
6-bump, 0.4mm pitch, 0.8mm x 1.2mm WLCSP
MIC2782CRYCS
(1)
-
6
2
6-bump, 0.4mm pitch, 0.8mm x 1.2mm WLCSP
MIC2782DLYCS
UKU
8
0.5
6-bump, 0.4mm pitch, 0.8mm x 1.2mm WLCSP
MIC2782DMYCS
(1)
-
8
1
6-bump, 0.4mm pitch, 0.8mm x 1.2mm WLCSP
MIC2782DRYCS
(1)
-
8
2
6-bump, 0.4mm pitch, 0.8mm x 1.2mm WLCSP
MIC2782ELYCS
UKW
10
0.5
6-bump, 0.4mm pitch, 0.8mm x 1.2mm WLCSP
MIC2782EMYCS
(1)
-
10
1
6-bump, 0.4mm pitch, 0.8mm x 1.2mm WLCSP
MIC2782ERYCS
(1)
-
10
2
6-bump, 0.4mm pitch, 0.8mm x 1.2mm WLCSP
MIC2782FLYCS
(1)
-
12
0.5
6-bump, 0.4mm pitch, 0.8mm x 1.2mm WLCSP
MIC2782FMYCS
(1)
-
12
1
6-bump, 0.4mm pitch, 0.8mm x 1.2mm WLCSP
MIC2782FRYCS
(1)
-
12
2
6-bump, 0.4mm pitch, 0.8mm x 1.2mm WLCSP
Notes:
1.
Contact Factory for availability.
Ordering Guide
MIC2782ELYCS TR
Setup Period:
C – 6 seconds
D – 8 seconds
E – 10 seconds
F – 12 seconds
Reset Timeout Period:
L – 0.5 seconds
M – 1 seconds
R – 2 seconds
Junction Temperature
Y – -40˚C to +85˚C
Package:
CS – 0.8mm x 1.2mm WLCSP
TR – Tape and Reel
MIC2782ELYCS TR
Setup Period:
C – 6 seconds
D – 8 seconds
E – 10 seconds
F – 12 seconds
Reset Timeout Period:
L – 0.5 seconds
M – 1 seconds
R – 2 seconds
Junction Temperature
Y – -40˚C to +85˚C
Package:
CS – 0.8mm x 1.2mm WLCSP
TR – Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com