Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2772 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2772
Description  Dual Voltage Supervisor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2772 Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC2772 Datasheet HTML 1Page - Micrel Semiconductor MIC2772 Datasheet HTML 2Page - Micrel Semiconductor MIC2772 Datasheet HTML 3Page - Micrel Semiconductor MIC2772 Datasheet HTML 4Page - Micrel Semiconductor MIC2772 Datasheet HTML 5Page - Micrel Semiconductor MIC2772 Datasheet HTML 6Page - Micrel Semiconductor MIC2772 Datasheet HTML 7Page - Micrel Semiconductor MIC2772 Datasheet HTML 8Page - Micrel Semiconductor MIC2772 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Micrel
MIC2772
Transients on VCC
The MIC2772 is inherently immune to very short
“glitches” on VCC.
In the case of very brief
transients, VCC may drop below the reset-voltage
threshold without triggering a reset. As shown in the
graph,
the
MIC2772
is
relatively
immune
to
transients with typical duration of 25us. The lines on
the graph represent the typical allowable transient
duration for a given amount of threshold overdrive
that will not generate a reset. The data was taken by
adding negative-going square-wave pulse to a DC
input voltage set at 0.5V above actual measured
threshold for the part being characterized. Figure 1
shows the graph for the MIC2772[UP3] and Figure 2
shows the graph for the MIC2772[UP5]
0
5
10
15
20
25
30
35
0
200
400
600
800
1000
RESET COMP. OVERDRIVE VTH - VCC (mV)
Typical Transient
Response
V
TH
= 4.393V
Figure 1
0
5
10
15
20
25
30
35
40
0
200
400
600
800
1000
RESET COMP. OVERDRIVE VTH - VCC (mV)
Typical Transient
Response
V
TH
= 2.933V
Figure 2
Interfacing to Processors with Bi-directional
Reset Pins
Some microprocessors have reset signal pins that
are bi-directional, rather than input only. The
Motorola 68HC11 family is one example. Because
the MIC2772’s output is active-low, open-drain, it
can be connected directly to the processor’s reset
pin with only the pull-up resistor normally required.
MIC2772 Replaces Single Supervisor
The table below lists common single voltage
supervisors that can be considered for replacement
by MIC2772.
P/N Suffix
Supervisor #1
Supervisor #2
L2L3
MIC6315-46D2
MIC1810-5,
MIC6315-46D3,
MIC809L, MIC811L
M2M3
MIC6315-44D2
MIC1810-10,
MIC6315-44D3,
MIC809M,
MIC811M
L3L3
MIC1810-5,
MIC6315-46D3,
MIC809L, MIC811L
MIC1810-5,
MIC6315-46D3,
MIC809L, MIC811L
M3M3
MIC1810-10,
MIC6315-44D3,
MIC809M,
MIC811M
MIC1810-10,
MIC6315-44D3,
MIC809M,
MIC811M
T3T3
MIC6315-31D3,
MIC809T, MIC811T
MIC6315-31D3,
MIC809T, MIC811T
S3S3
MIC1815-10,
MIC6315-29D3,
MIC809S, MIC811S
MIC1815-10,
MIC6315-29D3,
MIC809S, MIC811S
T2T3
MIC6315-31D2
MIC6315-31D3,
MIC809T, MIC811T
S2S3
MIC6315-29D2
MIC1815-10,
MIC6315-29D3,
MIC809S, MIC811S
L3T3
MIC1810-5,
MIC6315-46D3,
MIC809L, MIC811L
MIC6315-31D3,
MIC809T, MIC811T
M3S3
MIC1810-10,
MIC6315-44D3,
MIC809M,
MIC811M
MIC1815-10,
MIC6315-29D3,
MIC809S, MIC811S
April 2005
7
M9999-042605
(408) 955-1690



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com