Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2800-ADJ/1.2/3.3YML Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MIC2800-ADJ/1.2/3.3YML
Description  Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2800-ADJ/1.2/3.3YML Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MIC2800-ADJ/1.2/3.3YML Datasheet HTML 12Page - Micrel Semiconductor MIC2800-ADJ/1.2/3.3YML Datasheet HTML 13Page - Micrel Semiconductor MIC2800-ADJ/1.2/3.3YML Datasheet HTML 14Page - Micrel Semiconductor MIC2800-ADJ/1.2/3.3YML Datasheet HTML 15Page - Micrel Semiconductor MIC2800-ADJ/1.2/3.3YML Datasheet HTML 16Page - Micrel Semiconductor MIC2800-ADJ/1.2/3.3YML Datasheet HTML 17Page - Micrel Semiconductor MIC2800-ADJ/1.2/3.3YML Datasheet HTML 18Page - Micrel Semiconductor MIC2800-ADJ/1.2/3.3YML Datasheet HTML 19Page - Micrel Semiconductor MIC2800-ADJ/1.2/3.3YML Datasheet HTML 20Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Micrel, Inc.
MIC2800
September 2007
17
M9999-090507-C
Application Notes
The MIC2800 is a digital power management IC with a
single integrated buck regulator and two independent
low dropout regulators. LDO1 is a 300mA low dropout
regulator that is using power supplied by the on board
buck regulator. LDO2 is a 300mA low dropout regulator
using the supply from the input pin. The buck regulator is
a 600mA PWM power supply that utilizes a /LOWQ light
load mode to maximize battery efficiency in light load
conditions. This is achieved with a /LOWQ control pin
that when pulled low, shuts down all the biasing and
drive current for the PWM regulator, drawing only 20µA
of operating current. This allows the output to be
regulated through the LDO output, capable of providing
60mA of output current. This method has the advantage
of producing a clean, low current, ultra low noise output
in /LOWQ mode. During /LOWQ mode, the SW node
becomes high impedance, blocking current flow. Other
methods of reducing quiescent current, such as pulse
frequency modulation (PFM) or bursting techniques
create large amplitude, low frequency ripple voltages
that can be detrimental to system operation.
When more than 60mA is required, the /LOWQ pin can
be forced high, causing the MIC2800 to enter PWM
mode. In this case, the LDO output makes a "hand-off"
to the PWM regulator with virtually no variation in output
voltage. The LDO output then turns off allowing up to
600mA of current to be efficiently supplied through the
PWM output to the load.
VIN
Two input voltage pins provide power to the switch mode
regular and LDO2 separately. The LDO1 input voltage is
provided by the DC/DC LDO pin. VIN provides power to
the LDO section and the bias through an internal 6Ω
resistor. Both VIN pins must be tied together.
For the switch mode regulator VIN provides power to the
MOSFET along with current limiting sensing. Due to the
high
switching
speeds,
a
4.7µF
capacitor
is
recommended close to VIN and the power ground
(PGND) pin for bypassing. Please refer to layout
recommendations.
LDO
The LDO pin is the output of the linear regulator and
should be connected to the output. In /LOWQ mode
(/LOWQ <0.2V), the LDO provides the output voltage. In
PWM mode (/LOWQ >1V) the LDO pin provides power
to LDO1.
LDO1
Regulated output voltage of LDO1. Power is provided by
the DCDC switching regulator. Recommended output
capacitance is 2.2µF.
LDO2
Regulated output voltage of LDO2. Power is provided by
VIN. Recommended output capacitance is 2.2µF.
EN
Both enable inputs are active high, requiring 1.0V for
guaranteed operation. EN1 provides logic control of both
the DCDC regulator and LDO1. EN2 provides logic
control for LDO2 only. The enable inputs are CMOS
logic and cannot be left floating.
The enable pins provide logic level control of the
specified outputs. When both enable pins are in the off
state, supply current of the device is greatly reduced
(typically <1µA). When the DCDC regulator is in the off
state, the output drive is placed in a "tri-stated" condition,
where both the high side P-channel MOSFET and the
low-side N-channel are in an “off” or non-conducting
state. Do not drive either of the enable pins above the
supply voltage.
Power-On Reset (POR)
The power-on reset output is an open-drain N-Channel
device, requiring a pull-up resistor to either the input
voltage or output voltage for proper voltage levels. The
POR output has a delay time that is programmable with
a capacitor from the CSET pin to ground. The delay time
can be programmed to be as long as 1 second.
/LOWQ
The /LOWQ pin provides a logic level control between
the internal PWM mode and the low noise linear
regulator mode. With /LOWQ pulled low (<0.2V),
quiescent current of the device is greatly reduced by
switching to a low noise linear regulator mode that has a
typical IQ of 20µA. In linear (LDO) mode the output can
deliver 60mA of current to the output. By placing /LOWQ
high (>1V), the device transitions into a constant
frequency PWM buck regulator mode. This allows the
device the ability to efficiently deliver up to 600mA of
output current at the same output voltage.
/LOWQ mode also limits the output load of both LDO1
and LDO2 to 10mA.
BIAS
The BIAS pin supplies the power to the internal control
and reference circuitry. The bias is powered from AVIN
through an internal 6Ω resistor. A small 0.1µF capacitor
is recommended for bypassing.
FB
Connect the feedback pin to VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com