Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2012CM Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC2012CM
Description  USB Power Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2012CM Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC2012CM Datasheet HTML 8Page - Micrel Semiconductor MIC2012CM Datasheet HTML 9Page - Micrel Semiconductor MIC2012CM Datasheet HTML 10Page - Micrel Semiconductor MIC2012CM Datasheet HTML 11Page - Micrel Semiconductor MIC2012CM Datasheet HTML 12Page - Micrel Semiconductor MIC2012CM Datasheet HTML 13Page - Micrel Semiconductor MIC2012CM Datasheet HTML 14Page - Micrel Semiconductor MIC2012CM Datasheet HTML 15Page - Micrel Semiconductor MIC2012CM Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MIC2012
Micrel
MIC2012/2072
14
January 2005
Functional Description
The MIC2012/2072 are designed to support the power distri-
bution requirements for USB wakeup from the ACPI S3 state.
It integrates two independent channels under control of input
S3#. When S3# is asserted LOW (S3 state) the MIC2012/2072
will switch a 500mΩ, 100mA MOSFET switch from the AUX
input to each of its two outputs. Conversely when the S3#
input is HIGH (S0 state) the MIC2012/72 will switch a 100mΩ,
500mA MOSFET switch from the MAIN input to each of its
two outputs. The lower current limit during the ACPI S3 state
helps to ensure that the standby supply maintains regulation
even during fault conditions.
Thermal Shutdown
Thermal shutdown is employed to protect the device from
damage should the die temperature exceed safe margins
due mainly to short circuit faults. Thermal shutdown shuts off
the output MOSFET and asserts the FAULT output if the die
temperature reaches 140°C and the overheated channel is
in current limit. The other channel is not affected. If, however,
the die temperature exceeds 160°C, both channels will be
shut off even if neither channel is in current limit.
Power Dissipation
The device’s junction temperature depends on several fac-
tors such as the load, PCB layout, ambient temperature and
package type. The power dissipated in each channel is
P
D = RDS(on) × IOUT
2 where R
DS(on) is the on-resistance of
the internal MOSFETs and I
OUT is the continuous output
current.
Total power dissipation of the device will be the summation of
P
D for both channels. To relate this to junction temperature,
the following equation can be used:
Functional Diagram
Current
Limit
10ms
Timer
Charge Pump
+
Gate Control
S3#
EN
Current
Limit
MAIN
OUT
AUX
/FAULT
AUX
Latch
To Other Channel
*
MAIN
FET
AUX
FET
*MIC2070-1/2 Only
Thermal
Sense
* 'P' options only
TJ = P
D × θJA + TA
where:
T
J = junction temperature
T
A = ambient temperature
θ
JA = is the thermal resistance of the package
Current Sensing and Limiting
The current-limit thresholds are preset internally for each
state. The preset level prevents damage to the device and
external load but still allows a minimum current of 100mA or
500mA to be delivered to the load depending on the state of
the device according to the S3# input. When S3# is LOW the
current-limit is set at 100mA minimum. When S3# is HIGH
the current-limit is set at 500mA minimum.
Should an over-current condition last longer than t
DLY, the
MIC2072 will latch the faulty output off. The output will remain
off until either the load is removed or the EN signal (MIC2072-
1, -2) is toggled. When the MIC2072 enters a latched output
condition a 1mA pull-up current source is activated. This
provides a way to automatically reset the output once the
load is removed without the need to toggle the enable input
such as in the MIC2072. Please refer to Figure 7 for timing
details.
The MIC2012 will automatically reset its output when the
die temperature cools down to 120°C. The MIC2012 output
and FAULT signal will continue to cycle on and off until the
device is disabled or the fault is removed. Figure 6 depicts
typical timing. Depending on PCB layout, package, ambient
temperature, etc., it may take several hundred milliseconds
from the incidence of the fault to the output MOSFET being
shut off. This time duration will be shortest in the case of a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com