Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5321 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5321
Description  Dual, High Performance 150mA 關Cap ULDO?
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5321 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5321 Datasheet HTML 1Page - Micrel Semiconductor MIC5321 Datasheet HTML 2Page - Micrel Semiconductor MIC5321 Datasheet HTML 3Page - Micrel Semiconductor MIC5321 Datasheet HTML 4Page - Micrel Semiconductor MIC5321 Datasheet HTML 5Page - Micrel Semiconductor MIC5321 Datasheet HTML 6Page - Micrel Semiconductor MIC5321 Datasheet HTML 7Page - Micrel Semiconductor MIC5321 Datasheet HTML 8Page - Micrel Semiconductor MIC5321 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC5321
Dual, High Performance
150mA µCap ULDO™
ULDO is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2008
M9999-051508-E
General Description
The MIC5321 is a tiny Dual Ultra Low-Dropout
(ULDO™) linear regulator ideally suited for those
applications that require high PSRR because it
provides a bypass pin for those noise sensitive
portable electronics. The MIC5321 integrates two
high-performance; 150mA ULDOs into a very compact
1.6mm x 1.6mm leadless Thin MLF
® package that
provides exceptional thermal package characteristics.
The MIC5321 is a µCap design which enables
operation with very small ceramic output capacitors
for stability, thereby reducing required board space
and component cost. The combination of extremely
low-drop-out
voltage,
very
high
power
supply
rejection, very low output noise and exceptional
thermal package characteristics makes it ideal for
powering RF application, cellular phone camera
modules, imaging sensors for digital still cameras,
PDAs, MP3 players and WebCam applications.
The MIC5321 ULDO™ is available in fixed-output
voltages in the tiny 6-pin 1.6mm x 1.6mm leadless
Thin MLF
® package which is only 2.56mm2 in area,
less than 30% the area of the SOT-23, TSOP and
MLF
® 3x3 packages. It’s also available in the thin
SOT-23-6 lead package and the standard 6-pin
1.6mm x 1.6mm leadless package. Additional voltage
options are available. For more information, contact
Micrel marketing department.
Data sheets and support documentation can be found
on Micrel’s web site at www.micrel.com.
Features
2.3V to 5.5V input voltage range
Ultra-low dropout voltage ULDO™ 35mV @
150mA
Tiny 6-pin 1.6mm x 1.6mm Thin MLF
® leadless
package
Low cost TSOT-23-6 package
Bypass pin for improved noise performance
High PSRR – >75dB on each LDO
Ultra low noise output - > 30µVrms
Dual 150mA outputs
µCap stable with 1µF ceramic capacitor
Low quiescent current – 150µA
Fast turn-on time – 45µs
Thermal shutdown protection
Current Limit protection
Applications
Mobile phones
PDAs
GPS receivers
Portable electronics
Portable media players
Digital still and video cameras
Typical Application
VIN
EN
VOUT 1
VOUT 2
GND
MIC5321-x.xYML
1µF
0.01µF
BYP
1µF
Rx/Synth
Tx
RF
Transceiver
1µF
RF Power Supply Circuit


Similar Part No. - MIC5321

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
Dual, High Performance 150mA UCap ULDO
logo
Microchip Technology
MIC5321 MICROCHIP-MIC5321 Datasheet
2Mb / 26P
High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
Revision A (May 2022)
logo
Micrel Semiconductor
MIC5321-1.8/1.5YD6 MICREL-MIC5321-1.8/1.5YD6 Datasheet
428Kb / 12P
Dual, High Performance 150mA UCap ULDO
MIC5321-1.8/1.5YMT MICREL-MIC5321-1.8/1.5YMT Datasheet
428Kb / 12P
Dual, High Performance 150mA UCap ULDO
MIC5321-1.8/1.6YD6 MICREL-MIC5321-1.8/1.6YD6 Datasheet
428Kb / 12P
Dual, High Performance 150mA UCap ULDO
More results

Similar Description - MIC5321

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
Dual, High Performance 150mA UCap ULDO
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
Single, 150mA 關Cap ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301_08 Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
High Performance 300mA 關Cap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
Dual, High Performance 300mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
High Performance 300mA 關Cap ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com