Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDN0037 Datasheet(PDF) 20 Page - IXYS Corporation

Part # IXDN0037
Description  Non-Dimmable Fluorescent Ballast
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0037 Datasheet(HTML) 20 Page - IXYS Corporation

Back Button IXDN0037 Datasheet HTML 16Page - IXYS Corporation IXDN0037 Datasheet HTML 17Page - IXYS Corporation IXDN0037 Datasheet HTML 18Page - IXYS Corporation IXDN0037 Datasheet HTML 19Page - IXYS Corporation IXDN0037 Datasheet HTML 20Page - IXYS Corporation IXDN0037 Datasheet HTML 21Page - IXYS Corporation IXDN0037 Datasheet HTML 22Page - IXYS Corporation IXDN0037 Datasheet HTML 23Page - IXYS Corporation IXDN0037 Datasheet HTML 24Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Ballast Demonstrator User Guide
-19
7629A–AVR–04/06
5.2
Pfc_ctrl.c
This file executes the PFC state machine according to the scheduler in the
Main_AT8xEB5114_fluo_demo.c file.
5.2.1
PFC STATE
MACHINE
The PFC state machine functional diagram is shown below:
Figure 5-3.
PFC State Machine Diagram
The different states are outlined below:
INIT_PFC_HAVERSINE_CHECK
Initialize the control valu es of the PFC. This is the initia l state set by the
main_AT8xEB5114_fluo_demo.c file.
Then jump to the HAVERSINE_CHECK state.
HAVERSINE_CHECK
Measure the haversine peak voltage during HAVERSINE_MIN_CHECK_TIME.
Then jump to the PFC_HAVERSINE_CHECK state.
PFC_HAVERSINE_CHECK
PFC haversine peak must be included between HAVERSINE_PEAK_MIN and
HAVERSINE_PEAK_MAX (90VAC and 265VAC).
If the haversine value is OK, set the maximum pulse width allowed and jump to the
CONFIGURE_PFC_SOFT_START state.
Else go back to INIT_PFC_HAVERSINE_CHECK state.
INIT_PFC_HAVERSINE_CHECK
PFC_CONTROL_LOOP
PFC_DELAY_FOR_NEXT_SOFT_START
PFC_SOFT_START
START_PFC_SOFT_START
CONFIGURE_PFC_SOFT_START
HAVERSINE_CHECK
PFC_HAVERSINE_CHECK
g_pfc_time_since_previous_timer_reset <=
HAVERSINE_MIN_CHECK_TIME
HAVERSINE_PEAK_MIN <=gs_v_haversine_peak <=
HAVERSINE_PEAK_MAX
(0.95 * gs_v_haversine_peak) <= gv_v_bus <= V_BUS_SET_POINT
gs_pfc_soft_start_tries <= PFC_START_MAX_TRIES
PFC_PROBLEM
gvs_zcd_occures
Get_v_bus() >= V_BUS_OVERSHOOT
gvs_pfc_soft_start_shots <= PFC_MAX_START_SHOTS
gs_multiplier_pfc_time_since_previous_timer_reset >=
DELAY_MULTIPLIER_FOR_NEXT_PFC_SOFT_START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com