Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP220N04T2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP220N04T2
Description  DC to DC Synchronous Converter Design
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP220N04T2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP220N04T2 Datasheet HTML 1Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 2Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 3Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 4Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 5Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 6Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 7Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 8Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DC to DC Synchronous Converter Design
Abdus Sattar, IXYS Corporation
IXAN0068
1
Modern power electronics products require small size and lighter weight of power
electronics parts. Filter inductor and capacitor sizes must be small. With the small filter,
the switching semiconductor devices must have small switching loss. And heat sink also
must be reduced. For the safe operation with the small heat sink, the switching
semiconductor devices must have small conduction loss. IXYS developed new generation
of Trench MOSFET (Trench2
TM), which has small gate charge and low on-resistance.
The MOSFET will be well suited for high power applications of synchronous DC to DC
converters used in various systems. The MOSFET is rugged and has avalanche energy
capability.
Table 1: Few Examples of IXYS TrenchT2
TM N-Channel Power MOSFETs
Part Number
Vdss
(max)
(V)
Id @
Tc=25C
(A)
Rds(on)
@
Tj=25°C
(Ω)
Ciss
(pF)
Qg
(nC
)
trr @
Tj=
25°C
(ns)
R(th)JC
(°C/W)
Pd
(W)
EAS
(mJ)
Package
Type
IXTA220N04T2 
40
220
0.0035
6500
112
45
0.42
360  600 
TO‐263 
IXTP220N04T2 
40
220
0.0035
6500
112
45
0.42
360  600 
TO‐220 
IXTA90N055T2 
55
90
0.0084
2670
42
37
1.0
150  300 
TO‐263 
IXTP90N055T2
55
90
0.0084
2670
42
37
1.0
150  300 
TO‐220 
IXTA110N055T2
55
110
0.0066
3060
57
38
0.82
180  400 
TO‐263 
IXTP110N055T2
55
110
0.0066
3060
57
38
0.82
180  400 
TO‐220 
IXTA200N055T2
55
200
0.0042
6800
109
49
0.42
360  600 
TO‐263 
IXTP200N055T2
55
200
0.0042
6800
109
49
0.42
360  600 
TO‐220 
IXTA70N075T2
75
70
0.012
2580
46
48
1.0
150  300 
TO‐263 
IXTP70N075T2
75
70
0.012
2580
46
48
1.0
150  300 
TO‐220 
IXTA90N075T2
75
90
0.010
3100
54
50
0.82
180  400 
TO‐263 
IXTP90N075T2
75
90
0.010
3100
54
50
0.82
180  400 
TO‐220 
DC-to-DC Synchronous Converter Design:
Figure 1: Synchronous Buck Converter using IXYS TrenchT2
TM Power MOSFET


Similar Part No. - IXTP220N04T2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP220N04T2 ISC-IXTP220N04T2 Datasheet
294Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP220N04T2

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MD1421N SHINDENGEN-MD1421N Datasheet
285Kb / 4P
Synchronous Rectification DC to DC Converter Power IC
logo
Power Integrations, Inc...
DPA422PN POWERINT-DPA422PN Datasheet
1Mb / 20P
DC-DC Forward Converter Design Guide
DPA424PN POWERINT-DPA424PN Datasheet
1Mb / 20P
DC-DC Forward Converter Design Guide
logo
Analog Devices
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
Synchronous Boost DC/DC Converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3503 DIODES-AP3503 Datasheet
421Kb / 10P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3513E DIODES-AP3513E Datasheet
575Kb / 11P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 4
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
Synchronous boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com