Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3402N Datasheet(PDF) 1 Page - Analog Power

Part # AM3402N
Description  N-Channel Logic Level MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3402N Datasheet(HTML) 1 Page - Analog Power

  AM3402N Datasheet HTML 1Page - Analog Power AM3402N Datasheet HTML 2Page - Analog Power AM3402N Datasheet HTML 3Page - Analog Power AM3402N Datasheet HTML 4Page - Analog Power AM3402N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AM3402N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM3402_B
1
These miniature surface mount MOSFETs
utilize a high cell density trench process to
provide low rDS(on) and to ensure minimal
power loss and heat dissipation. Typical
applications are DC-DC converters and power
management in portable and battery-powered
products such as computers, printers, PCMCIA
cards, cellular and cordless telephones.
N-Channel Logic Level MOSFET
•
Low rDS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
TSOP-6 saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
VDS (V)
rDS(on) ( )
ID (A)
0.027 @ VGS = 10 V
6.3
0.035 @ VGS = 4.5V
5.5
PRODUCT SUMMARY
30
Symbol Maximum Units
VDS
30
VGS
±20
TA=25
o
C
6.3
TA=70
o
C
5.2
IDM
±20
IS
1.3
A
TA=25
o
C
1.6
TA=70
o
C
1.0
TJ, Tstg
-55 to 150
o
C
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Symbol
Maximum Units
Maximum Junction-to-Ambient
a
t <= 5 sec
RTHJA
78.0
o
C/W
THERMAL RESISTANCE RATINGS
Parameter
1
2
3
4
5
6


Similar Part No. - AM3402N

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM3400 AITSEMI-AM3400 Datasheet
486Kb / 7P
MOSFET 30V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM3400A AITSEMI-AM3400A Datasheet
730Kb / 8P
MOSFET 30V N-CHANNEL ENHANCEMENT MODE
REV2.0
AM3400AE3R AITSEMI-AM3400AE3R Datasheet
730Kb / 8P
MOSFET 30V N-CHANNEL ENHANCEMENT MODE
REV2.0
AM3400AE3VR AITSEMI-AM3400AE3VR Datasheet
730Kb / 8P
MOSFET 30V N-CHANNEL ENHANCEMENT MODE
REV2.0
AM3400E3R AITSEMI-AM3400E3R Datasheet
486Kb / 7P
MOSFET 30V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
More results

Similar Description - AM3402N

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRLZ44 SAMSUNG-IRLZ44 Datasheet
209Kb / 4P
N-CHANNEL LOGIC LEVEL MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
N-Channel, Logic Level, PowerTrench MOSFET
logo
Microsemi Corporation
2N6901 MICROSEMI-2N6901 Datasheet
154Kb / 3P
N-CHANNEL LOGIC LEVEL MOSFET
logo
Analog Power
AM3438NE ANALOGPOWER-AM3438NE Datasheet
256Kb / 5P
N-Channel Logic Level MOSFET
AM2310N ANALOGPOWER-AM2310N Datasheet
244Kb / 5P
N-Channel Logic Level MOSFET
AM3414N ANALOGPOWER-AM3414N Datasheet
105Kb / 3P
N-Channel Logic Level MOSFET
logo
SeCoS Halbleitertechnol...
SMG2318N SECOS-SMG2318N Datasheet
474Kb / 4P
N-Channel Logic Level MOSFET
SMG2318N SECOS-SMG2318N_15 Datasheet
474Kb / 4P
N-Channel Logic Level MOSFET
logo
ARTSCHIP ELECTRONICS CO...
IRLZ44 ARTSCHIP-IRLZ44 Datasheet
240Kb / 4P
N-CHANNEL LOGIC LEVEL MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PA5S6EA NIKOSEM-PA5S6EA Datasheet
346Kb / 4P
N-Channel Logic Level MOSFET
REV 1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com