Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7380N Datasheet(PDF) 1 Page - Analog Power

Part # AM7380N
Description  N-Channel 80-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7380N Datasheet(HTML) 1 Page - Analog Power

  AM7380N Datasheet HTML 1Page - Analog Power AM7380N Datasheet HTML 2Page - Analog Power AM7380N Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AM7380N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM7380_A
1
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
rDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
N-Channel 80-V (D-S) MOSFET
•
Low rDS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
DFN3x3-8PP saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
VDS (V)
rDS(on) m( )
ID (A)
35 @ VGS = 10V
9
40 @ VGS = 4.5V
8
PRODUCT SUMMARY
80
Symbol
Limit
Units
VDS
80
VGS
±20
TA=25
o
C
±9
TA=70
o
C
±7
IDM
±75
IS
16
A
TA=25
o
C
3.5
TA=70
o
C
2
TJ, Tstg
-55 to 150
o
C
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parame te r
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Symbol
Maximum
Units
Maximum Junction-to-Case
a
t <= 5 sec
RθJC
25
o
C/W
Maximum Junction-to-Ambient
a
t <= 5 sec
RθJA
50
o
C/W
THERMAL RESISTANCE RATINGS
Parameter
S
S
S
G
1
2
3
4
DFN3x3-8PP
Top View
D
D
D
D
8
7
6
5
D
S
G
N-Channel MOSFET


Similar Part No. - AM7380N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7381P ANALOGPOWER-AM7381P Datasheet
370Kb / 5P
P-Channel 80-V (D-S) MOSFET
AM7382N ANALOGPOWER-AM7382N Datasheet
399Kb / 5P
N-Channel 80-V (D-S) MOSFET
More results

Similar Description - AM7380N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
N-Channel 80-V (D-S) MOSFET
28-May-01
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
N-Channel 80-V (D-S) MOSFET
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
N-Channel 80 V (D-S) MOSFET
22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
N-Channel 80 V (D-S) MOSFET
logo
Vishay Telefunken
SI7852DP TFUNK-SI7852DP Datasheet
303Kb / 12P
N-Channel 80-V (D-S) MOSFET
SIR826ADP TFUNK-SIR826ADP Datasheet
381Kb / 13P
N-Channel 80 V (D-S) MOSFET
SIS468DN TFUNK-SIS468DN Datasheet
559Kb / 13P
N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
N-Channel 80-V (D-S) MOSFET
18-May-09
logo
VBsemi Electronics Co.,...
UTT80N08 VBSEMI-UTT80N08 Datasheet
1,001Kb / 8P
N-Channel 80 V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com